Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV62150A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62150A
Description  TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62150A Datasheet(HTML) 3 Page - Texas Instruments

  TLV62150A Datasheet HTML 1Page - Texas Instruments TLV62150A Datasheet HTML 2Page - Texas Instruments TLV62150A Datasheet HTML 3Page - Texas Instruments TLV62150A Datasheet HTML 4Page - Texas Instruments TLV62150A Datasheet HTML 5Page - Texas Instruments TLV62150A Datasheet HTML 6Page - Texas Instruments TLV62150A Datasheet HTML 7Page - Texas Instruments TLV62150A Datasheet HTML 8Page - Texas Instruments TLV62150A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
3
Exposed
Thermal Pad
9
10
11
12
8
7
6
5
4
2
1
16
15
14
13
PVIN
PVIN
AVIN
SS/TR
SW
SW
SW
PG
TLV62150, TLV62150A
www.ti.com
SLVSB71D – FEBRUARY 2012 – REVISED AUGUST 2015
5 Device Comparison Table
PART NUMBER
OUTPUT VOLTAGE
POWER GOOD LOGIC LEVEL (EN=Low)
TLV62150
Adjustable
High Impedance
TLV62150A
Adjustable
Low
6 Pin Configuration and Functions
RGT Package
16-Pin VQFN
Top View
space
Pin Functions
PIN(1)
I/O
DESCRIPTION
NAME
NO.
AGND
6
Analog Ground. Must be connected directly to the Exposed Thermal Pad and common ground plane.
AVIN
10
I
Supply voltage for control circuitry. Connect to same source as PVIN.
DEF
8
I
Output Voltage Scaling (Low = nominal, High = nominal + 5%)(2)
EN
13
I
Enable input (High = enabled, Low = disabled)(2)
FB
5
I
Voltage feedback. Connect resistive voltage divider to this pin.
FSW
7
I
Switching Frequency Select (Low
≈ 2.5 MHz, High ≈ 1.25 MHz(3) for typical operation)(2)
SW
1,2,3
O
Switch node, which is connected to the internal MOSFET switches. Connect inductor between SW and
output capacitor.
PG
4
O
Output power good (High = VOUT ready, Low = VOUT below nominal regulation) ; open drain (requires
pull-up resistor)
PGND
15,16
Power ground. Must be connected directly to the Exposed Thermal Pad and common ground plane.
PVIN
11,12
I
Supply voltage for power stage. Connect to same source as AVIN.
Soft-Start / Tracking Pin. An external capacitor connected to this pin sets the internal voltage reference rise
SS/TR
9
I
time. It can be used for tracking and sequencing.
VOS
14
I
Output voltage sense pin and connection for the control loop circuitry.
Exposed
Must be connected to AGND (pin 6), PGND (pin 15,16) and common ground plane. See the Layout
Thermal Pad
Example. Must be soldered to achieve appropriate power dissipation and mechanical reliability.
(1)
For more information about connecting pins, see Detailed Description and Application and Implementation sections.
(2)
An internal pull-down resistor keeps logic level low, if pin is floating.
(3)
Connect FSW to VOUT or PG in this case.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TLV62150 TLV62150A


Similar Part No. - TLV62150A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62150A TI-TLV62150A Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62150A TI1-TLV62150A Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62150ARGTR TI-TLV62150ARGTR Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62150ARGTT TI-TLV62150ARGTT Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
More results

Similar Description - TLV62150A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TPS62136 TI1-TPS62136 Datasheet
3Mb / 45P
[Old version datasheet]   1-MHz High Accuracy 3-V to 17-V 4-A Step-Down Converters with DCS Control
TPS62130A-Q1 TI-TPS62130A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3V to 17-V 3A Step-Down Converter with DCS-Control?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com