Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV62565 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV62565
Description  TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62565 Datasheet(HTML) 1 Page - Texas Instruments

  TLV62565_15 Datasheet HTML 1Page - Texas Instruments TLV62565_15 Datasheet HTML 2Page - Texas Instruments TLV62565_15 Datasheet HTML 3Page - Texas Instruments TLV62565_15 Datasheet HTML 4Page - Texas Instruments TLV62565_15 Datasheet HTML 5Page - Texas Instruments TLV62565_15 Datasheet HTML 6Page - Texas Instruments TLV62565_15 Datasheet HTML 7Page - Texas Instruments TLV62565_15 Datasheet HTML 8Page - Texas Instruments TLV62565_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
10µ
100µ
1m
10m
100m
1
0
10
20
30
40
50
60
70
80
90
100
Load current [A]
Vin=2.7V
Vin=3.6V
Vin=5.5V
C001
V
OUT=1. 8V
V
IN=3.6V
V
IN=5.5V
V
IN=2.7V
TLV62565
2.7V to 5.5V
V
IN
FB
VIN
GND
EN
SW
C2
10µF
V
OUT
1.8V
L1
2.2µH
C1
4.7µF
R1
240k
R2
120k
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TLV62565, TLV62566
SLVSBC1C – OCTOBER 2013 – REVISED JULY 2015
TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
1 Features
3 Description
The TLV62565/6 devices are synchronous step-down
1
2.7-V to 5.5-V Input Voltage Range
converters optimized for small solution size and high
1.5-MHz Typical Switching Frequency
efficiency. The devices integrate switches capable of
Output Current up to 1.5 A (Max)
delivering an output current up to 1.5 A.
Adaptive On-Time Current Control
The devices are based on an adaptive on time with
Power Save Mode for Light Load Efficiency
valley
current
mode
control
scheme.
Typical
operating frequency is 1.5 MHz at medium to heavy
50-µA Operating Quiescent Current
loads. The devices are optimized to achieve very low
Up to 95% Efficiency
output
voltage
ripple
even
with
small
external
Over Current Protection
components and feature an excellent load transient
response.
95% Maximum Duty Cycle
Excellent AC and Transient Load Response
During a light load, the TLV62565/6 automatically
enter into Power Save Mode at the lowest quiescent
Power Good Output, TLV62566
current (50
μA typ) to maintain high efficiency over
Internal Soft Startup of 250 µs (Typ)
the entire load current range. In shutdown, the
Adjustable Output Voltage
current consumption is reduced to less than 1
μA.
Thermal Shutdown Protection
The TLV62565/6 provide an adjustable output voltage
Available in SOT-23 5-Pin Package
via an external resistor divider. The output voltage
start-up ramp is controlled by an internal soft start,
2 Applications
typically 250 µs. Power sequencing is possible by
configuring the Enable (TLV62565) and Power Good
Portable Devices
(TLV62566) pins. Other features like over current
DSL Modems
protection and over temperature protection are built-
Hard Disk Drivers
in. The TLV62565/6 devices are available in a SOT-
23 5-pin package.
Set Top Box
Tablet
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV62565,
SOT-23 (5)
2.90 mm × 1.60 mm
TLV62566
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Simplified Schematic
Efficiency vs Load Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV62565_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62565DBV TI1-TLV62565DBV Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A High Efficiency Step-Down Converter in SOT23-5 Package
More results

Similar Description - TLV62565_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62565 TI1-TLV62565 Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A High Efficiency Step-Down Converter in SOT23-5 Package
logo
Linear Technology
LTC1701 LINER-LTC1701_1 Datasheet
183Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
LTC1701 LINER-LTC1701_15 Datasheet
189Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
LTC1701B LINER-LTC1701B_15 Datasheet
189Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
logo
Monolithic Power System...
MP1469 MPS-MP1469 Datasheet
477Kb / 17P
   High-Efficiency, 1.5A, 16V, 500kHz Synchronous, Step-Down Converter In 6 Pin SOT 23
logo
Linear Technology
LTC1517-5 LINER-LTC1517-5 Datasheet
210Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1517-3.3 LINER-LTC1517-3.3_15 Datasheet
161Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Linear Integrated Syste...
LTC1517ES5-5 LINEAR-LTC1517ES5-5 Datasheet
144Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Linear Technology
LTC1517-5 LINER-LTC1517-5_15 Datasheet
161Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
logo
Global Mixed-mode Techn...
G5103 GMT-G5103 Datasheet
288Kb / 8P
   Micro-power Step-Up DC/DC Converters in SOT-23-5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com