Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV62565 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62565
Description  TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62565 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV62565 Datasheet HTML 4Page - Texas Instruments TLV62565 Datasheet HTML 5Page - Texas Instruments TLV62565 Datasheet HTML 6Page - Texas Instruments TLV62565 Datasheet HTML 7Page - Texas Instruments TLV62565 Datasheet HTML 8Page - Texas Instruments TLV62565 Datasheet HTML 9Page - Texas Instruments TLV62565 Datasheet HTML 10Page - Texas Instruments TLV62565 Datasheet HTML 11Page - Texas Instruments TLV62565 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
TLV62565
2.7V to 5.5V
V
IN
FB
VIN
GND
EN
SW
C2
10µF
V
OUT
L1
2.2µH
C1
4.7µF
R1
R2
1,000
1,100
1,200
1,300
1,400
1,500
1,600
0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5
Load Current [A]
Vin=2.7V
Vin=3.6V
Vin=5.5V
C010
V
OUT = 1.8V
V
IN=5.5V
V
IN=2.7V
V
IN=3.6V
100
120
140
160
180
200
220
240
260
280
300
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage [V]
Ta=-40°C
Ta=25°C
Ta=85°C
C007
Load = 0.5A
C007
T
A=85°C
T
A=±40°C
T
A=25°C
50
70
90
110
130
150
170
190
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage [V]
Ta=-40°C
Ta=25°C
Ta=85°C
C008
Load = 0.5A
T
A=85°C
T
A=±40°C
T
A=25°C
TLV62565, TLV62566
SLVSBC1C – OCTOBER 2013 – REVISED JULY 2015
www.ti.com
Figure 7. High-Side FET RDS(on) vs Input Voltage
Figure 8. Low-Side FET RDS(on) vs Input Voltage
Figure 9. Switching Frequency vs Load Current
9 Parameter Measurement Information
Table 2. List of Components
REFERENCE
DESCRIPTION
MANUFACTURER
C1
4.7 µF, Ceramic Capacitor, 6.3 V, X5R, size 0603, GRM188R60J475ME84
Murata
C2
10 µF, Ceramic Capacitor, 6.3 V, X5R, size 0603, GRM188R60J106ME84
Murata
L1
2.2 µH, Power Inductor, 2.5 A, size 4mmx4mm, LQH44PN2R2MP0
Murata
R1,R2
Chip resistor,1%,size 0603
Std.
8
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TLV62565 TLV62566


Similar Part No. - TLV62565

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62565 TI1-TLV62565 Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A High Efficiency Step-Down Converter in SOT23-5 Package
TLV62565DBV TI1-TLV62565DBV Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A High Efficiency Step-Down Converter in SOT23-5 Package
More results

Similar Description - TLV62565

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62565 TI1-TLV62565 Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A High Efficiency Step-Down Converter in SOT23-5 Package
logo
Linear Technology
LTC1701 LINER-LTC1701_1 Datasheet
183Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
LTC1701 LINER-LTC1701_15 Datasheet
189Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
LTC1701B LINER-LTC1701B_15 Datasheet
189Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
logo
Monolithic Power System...
MP1469 MPS-MP1469 Datasheet
477Kb / 17P
   High-Efficiency, 1.5A, 16V, 500kHz Synchronous, Step-Down Converter In 6 Pin SOT 23
logo
Linear Technology
LTC1517-5 LINER-LTC1517-5 Datasheet
210Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1517-3.3 LINER-LTC1517-3.3_15 Datasheet
161Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Linear Integrated Syste...
LTC1517ES5-5 LINEAR-LTC1517ES5-5 Datasheet
144Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Linear Technology
LTC1517-5 LINER-LTC1517-5_15 Datasheet
161Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
logo
Global Mixed-mode Techn...
G5103 GMT-G5103 Datasheet
288Kb / 8P
   Micro-power Step-Up DC/DC Converters in SOT-23-5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com