Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA04L-x-x-TF3-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # BTA04L-x-x-TF3-T
Description  SENSITIVE GATE TRIAC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BTA04L-x-x-TF3-T Datasheet(HTML) 5 Page - Unisonic Technologies

  BTA04L-x-x-TF3-T Datasheet HTML 1Page - Unisonic Technologies BTA04L-x-x-TF3-T Datasheet HTML 2Page - Unisonic Technologies BTA04L-x-x-TF3-T Datasheet HTML 3Page - Unisonic Technologies BTA04L-x-x-TF3-T Datasheet HTML 4Page - Unisonic Technologies BTA04L-x-x-TF3-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BTA04
TRIAC
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R401-034.F
TYPICAL CHARACTERISTICS
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - BTA04L-x-x-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTA04L-4-A-TF3-T UTC-BTA04L-4-A-TF3-T Datasheet
150Kb / 4P
   SENSITIVE GATE TRIACS
BTA04L-4-D-TF3-T UTC-BTA04L-4-D-TF3-T Datasheet
150Kb / 4P
   SENSITIVE GATE TRIACS
BTA04L-6-A-TF3-T UTC-BTA04L-6-A-TF3-T Datasheet
150Kb / 4P
   SENSITIVE GATE TRIACS
BTA04L-7-D-TF3-T UTC-BTA04L-7-D-TF3-T Datasheet
150Kb / 4P
   SENSITIVE GATE TRIACS
More results

Similar Description - BTA04L-x-x-TF3-T

ManufacturerPart #DatasheetDescription
logo
Apollo Electron Co., Lt...
TP4A60S APOLLOELECTRON-TP4A60S Datasheet
1Mb / 5P
   Sensitive Gate Triac
logo
New Jersey Semi-Conduct...
T2322B NJSEMI-T2322B Datasheet
103Kb / 2P
   Sensitive Gate Triac
logo
Apollo Electron Co., Lt...
TD4A60S APOLLOELECTRON-TD4A60S Datasheet
1Mb / 5P
   Sensitive Gate Triac
TR4A60S APOLLOELECTRON-TR4A60S Datasheet
4Mb / 6P
   Sensitive Gate Triac
logo
Shenzhen Winsemi Microe...
STU4A60S WINSEMI-STU4A60S Datasheet
483Kb / 5P
   Sensitive Gate Triac
WTD4A60S WINSEMI-WTD4A60S Datasheet
445Kb / 5P
   Sensitive Gate Triac
logo
NTE Electronics
NTE56045 NTE-NTE56045 Datasheet
21Kb / 2P
   TRIAC, 16A, Sensitive Gate
NTE56039 NTE-NTE56039 Datasheet
20Kb / 2P
   TRIAC, 4A Sensitive Gate
NTE56040 NTE-NTE56040 Datasheet
20Kb / 2P
   TRIAC, 4A Sensitive Gate
NTE5655 NTE-NTE5655 Datasheet
19Kb / 2P
   TRIAC - 800mA Sensitive Gate
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com