Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA08AL-8-SW-TF1-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BTA08AL-8-SW-TF1-T
Description  8A TRIACS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BTA08AL-8-SW-TF1-T Datasheet(HTML) 1 Page - Unisonic Technologies

  BTA08AL-8-SW-TF1-T Datasheet HTML 1Page - Unisonic Technologies BTA08AL-8-SW-TF1-T Datasheet HTML 2Page - Unisonic Technologies BTA08AL-8-SW-TF1-T Datasheet HTML 3Page - Unisonic Technologies BTA08AL-8-SW-TF1-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BTA08A
Preliminary
TRIAC
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R401-051.C
8A TRIACS
DESCRIPTION
The UTC BTA08A is a 8A triacs which can be operated in 3
quadrants, it uses UTC’s advanced technology to provide
customers with high commutation performances, etc.
The UTC BTA08A is suitable for inductive load switching
operations, also can be used in ON/OFF function applications such
as induction motor starting circuits, heating regulation, static relays
etc.
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
BTA08AL-x-xx-TF3-T
BTA08AG-x-xx-TF3-T
TO-220F
MT1 MT2
G
Tube
BTA08AL-x-xx-TF1-T
BTA08AG-x-xx-TF1-T
TO-220F1
MT1 MT2
G
Tube
SENSITIVITY AND TYPE
VOLTAGE
PART NUMBER
600V
800V
SENSITIVITY
TYPE
BW
50mA
SNUBBERLESS
CW
35mA
SNUBBERLESS
SW
10mA
LOGIC LEVEL
TW
5mA
LOGIC LEVEL
: Available
MARKING


Similar Part No. - BTA08AL-8-SW-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTA08AL-6-CW-TF3-T UTC-BTA08AL-6-CW-TF3-T Datasheet
170Kb / 4P
   8A TRIACS
More results

Similar Description - BTA08AL-8-SW-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTA08 UTC-BTA08_15 Datasheet
195Kb / 3P
   8A TRIACS
BTB08A UTC-BTB08A Datasheet
187Kb / 4P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT8 JIEJIE-ACJT8 Datasheet
390Kb / 6P
   8A TRIACs
logo
Tiger Electronic Co.,Lt...
T810-600B TGS-T810-600B Datasheet
56Kb / 1P
   8A TRIACS
BTA08-600B TGS-BTA08-600B Datasheet
93Kb / 1P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA08 JIEJIE-BTA08 Datasheet
589Kb / 5P
   8A TRIACs
logo
Unisonic Technologies
BTA08A UTC-BTA08A Datasheet
170Kb / 4P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST08 JIEJIE-JST08 Datasheet
554Kb / 5P
   8A TRIACs
JST08I JIEJIE-JST08I Datasheet
562Kb / 5P
   8A TRIACs
logo
Tiger Electronic Co.,Lt...
BTA08-600C TGS-BTA08-600C Datasheet
31Kb / 1P
   8A TRIACS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com