Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCR2PML-8-TF3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UCR2PML-8-TF3-T
Description  2A TRIAC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCR2PML-8-TF3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  UCR2PML-8-TF3-T Datasheet HTML 1Page - Unisonic Technologies UCR2PML-8-TF3-T Datasheet HTML 2Page - Unisonic Technologies UCR2PML-8-TF3-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UCR2PM
Preliminary
TRIACS
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R220-020.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Repetitive Peak Off-State Voltage (Note 1)
TJ=125°C
VDRM
800
V
TJ=150°C
700
V
Non-Repetitive Peak Off-State Voltage (Note 1)
VDSM
840
V
On-State RMS Current
(Commercial Frequency, Sine Full Wave 360° Conduction)
IT(RMS)
2
A
Surge On-State Current
(60Hz Sinewave 1 Full Cycle, Peak Value, Non-Repetitive)
ITSM
10
A
I
2t for Fusing (Value Corresponding to 1 Cycle of Half
Wave 60Hz, Surge On-State Current)
I
2t
0.41
A
2s
Peak Gate Current
IGM
1
A
Peak Gate Power Dissipation
PGM
1
W
Average Gate Power Dissipation
PG(AV)
0.1
W
Peak Gate Voltage
VGM
6
V
Storage Junction Temperature
TSTG
-40~+150
°C
Operating Junction Temperature
TJ
-40~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL RESISTANCES
PARAMETER
SYMBOL
MAX
UNIT
Junction to Ambient
θJA
45
°C/W
ELECTRICAL CHARACTERISTICS (TJ=25 °C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Gate Trigger Current (Note 2)
IGT
TJ=25°C, VD=6V,
RL=6Ω, RG=330Ω
I
10
mA
II
10
mA
III
10
mA
Gate Trigger Voltage (Note 2)
VGT
TJ=25°C, VD=6V,
RL=6Ω, RG=330Ω
I
2.0
V
II
2.0
V
III
2.0
V
Gate Non-Trigger Voltage
VGD
TJ=150°C, VD=1/2 VDRM
0.1
V
Holding Current (Note 2)
IH
IT=300mA
2.98
mA
Latching Current
IL
IG=1.2IGT
I-II
5
mA
II
10
mA
Critical Rate of Rise of Off-State
commutation Voltage (Note 3)
(dv/dt)c
TJ=125°C
0.5
V/µs
STATIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
On-State Voltage
VTM
TJ=25°C, ITM=3A, Instantaneous
Measurement
2.1
V
Repetitive Peak Off-State Current
IDRM
TJ=150°C, VDRM Applied
1.0
mA
Notes: 1. Gate open.
2. Measurement using the gate trigger characteristics measurement circuit.
3. Test conditions of the critical-rate of rise of off-state commutation voltage is shown in the table below.


Similar Part No. - UCR2PML-8-TF3-T

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
UCR20-100MHB HOKURIKU-UCR20-100MHB Datasheet
62Kb / 1P
   Flat Type Ultra-High Resistance Chip Resistor
UCR20-100MHV HOKURIKU-UCR20-100MHV Datasheet
62Kb / 1P
   Flat Type Ultra-High Resistance Chip Resistor
UCR20-100MKB HOKURIKU-UCR20-100MKB Datasheet
62Kb / 1P
   Flat Type Ultra-High Resistance Chip Resistor
UCR20-100MKV HOKURIKU-UCR20-100MKV Datasheet
62Kb / 1P
   Flat Type Ultra-High Resistance Chip Resistor
UCR20-100MMB HOKURIKU-UCR20-100MMB Datasheet
62Kb / 1P
   Flat Type Ultra-High Resistance Chip Resistor
More results

Similar Description - UCR2PML-8-TF3-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-14LE RENESAS-BCR2PM-14LE_14 Datasheet
294Kb / 7P
   800V ??2A - Triac
logo
SemiHow Co.,Ltd.
HTD2A80AS SEMIHOW-HTD2A80AS Datasheet
248Kb / 4P
   3 Quadrants 2A TRIAC
logo
Renesas Technology Corp
BCR2PM-12RE RENESAS-BCR2PM-12RE_15 Datasheet
179Kb / 7P
   600V - 2A - Triac Low Power Use
BCR2EM-14LB RENESAS-BCR2EM-14LB Datasheet
61Kb / 4P
   700V - 2A - Triac Medium Power Use
BCR2EM-14LB RENESAS-BCR2EM-14LB_15 Datasheet
61Kb / 4P
   700V - 2A - Triac Medium Power Use
logo
KODENSHI_AUK CORP.
SCT04N60E KODENSHI-SCT04N60E Datasheet
388Kb / 6P
   Triac
SCT06N60FD KODENSHI-SCT06N60FD Datasheet
306Kb / 6P
   Triac
SCT25N60P KODENSHI-SCT25N60P Datasheet
371Kb / 6P
   Triac
SDB0740 KODENSHI-SDB0740 Datasheet
250Kb / 5P
   Triac
logo
Unisonic Technologies
UT139E UTC-UT139E Datasheet
139Kb / 3P
   TRIAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com