Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT134E-8-T60-K Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UT134E-8-T60-K
Description  TRIAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT134E-8-T60-K Datasheet(HTML) 5 Page - Unisonic Technologies

  UT134E-8-T60-K Datasheet HTML 1Page - Unisonic Technologies UT134E-8-T60-K Datasheet HTML 2Page - Unisonic Technologies UT134E-8-T60-K Datasheet HTML 3Page - Unisonic Technologies UT134E-8-T60-K Datasheet HTML 4Page - Unisonic Technologies UT134E-8-T60-K Datasheet HTML 5Page - Unisonic Technologies UT134E-8-T60-K Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UT134E
TRIAC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R401-007.D
TYPICAL CHARACTERISTICS(Cont.)
1.5
0
1
0.5
12
VT/V
10
8
6
0
Fig 10. Typical And Maximum On-state
Characteristic
IT/A
100
150
-50
50
0
3
1
2
2.5
1.5
0.5
0
Fig 9. Normalised Holding Current, IH(TJ)/IH(25°C),
versus junction temperature, TJ
IH(25°C)
IH(TJ)
2
4
2
2.5
3
TJ=125°C
VoUT=1.27V
RS=0.091Ohms
TJ=25°C
max
typ
TJ /°C
1ms
0.1ms
10us
0.1
tp/s
Fig 11. Transient Thermal Impedance
Zthj-mb,Versus Pulse Width tp
0.01
10ms 0.1s
Zth j-mb(K/W)
1s
10s
1
10
tp
t
PD
unidirectional
bidirectional
100
150
50
0
1000
10
dVD/dt(V/us)
1
Fig 12. Typical Critical Rate Of Rise Of Off-satate
Voltage, dVD/dt Versus Junction
Temperature, TJ
TJ /°C


Similar Part No. - UT134E-8-T60-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT134E UTC-UT134E Datasheet
132Kb / 5P
   TRIACS
More results

Similar Description - UT134E-8-T60-K

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SCT04N60E KODENSHI-SCT04N60E Datasheet
388Kb / 6P
   Triac
SCT06N60FD KODENSHI-SCT06N60FD Datasheet
306Kb / 6P
   Triac
SCT25N60P KODENSHI-SCT25N60P Datasheet
371Kb / 6P
   Triac
SDB0740 KODENSHI-SDB0740 Datasheet
250Kb / 5P
   Triac
logo
Unisonic Technologies
UT139E UTC-UT139E Datasheet
139Kb / 3P
   TRIAC
UT139G UTC-UT139G Datasheet
151Kb / 4P
   TRIAC
logo
SEMTECH ELECTRONICS LTD...
STBT134T SEMTECH_ELEC-STBT134T Datasheet
172Kb / 2P
   TRIAC
logo
Renesas Technology Corp
BCR16PM-12LG RENESAS-BCR16PM-12LG_10 Datasheet
108Kb / 8P
   Triac
logo
Unisonic Technologies
UT136E UTC-UT136E_11 Datasheet
156Kb / 3P
   TRIAC
logo
Renesas Technology Corp
BCR8LM-14LB RENESAS-BCR8LM-14LB Datasheet
107Kb / 8P
   Triac
BCR10LM-12LB RENESAS-BCR10LM-12LB Datasheet
107Kb / 8P
   Triac
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com