Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT131G-6-T92-K Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT131G-6-T92-K
Description  TRIAC LOGIC LEVEL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT131G-6-T92-K Datasheet(HTML) 4 Page - Unisonic Technologies

  UT131G-6-T92-K Datasheet HTML 1Page - Unisonic Technologies UT131G-6-T92-K Datasheet HTML 2Page - Unisonic Technologies UT131G-6-T92-K Datasheet HTML 3Page - Unisonic Technologies UT131G-6-T92-K Datasheet HTML 4Page - Unisonic Technologies UT131G-6-T92-K Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UT131
TRIAC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R401-006.H
TYPICAL CHARACTERISTICS(Cont.)
100
150
-50
50
0
3
1
2
2.5
1.5
0.5
0
Normalised Gate Trigger Current
vs. Junction Temperature
T2+G+
T2+G-
T2-G-
T2-G+
Junction Temperature, TJ/℃
100
150
-50
50
0
3
1
Junction Temperature, TJ/℃
2
2.5
1.5
0.5
0
Normalised Latching Current
vs. Junction Temperature
1ms
0.1ms
10us
1
Pulse Width, tp/s
Transient Thermal Impedance
vs. Pulse Width
0.01
0.1
10ms 0.1s
1s
10s
10
100
unidirectional
bidirectional
tp
t
PD
100
150
50
0
1000
10
Junction Temperature, TJ/℃
100
1
Typical Critical Rate of Rise of off-state
Voltage vs. Junction Temperature


Similar Part No. - UT131G-6-T92-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT131G-X-AA3-R UTC-UT131G-X-AA3-R Datasheet
297Kb / 5P
   TRIACS LOGIC LEVEL
More results

Similar Description - UT131G-6-T92-K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT04 ETC1-FT04 Datasheet
133Kb / 4P
   LOGIC LEVEL TRIAC
logo
NXP Semiconductors
BT1306-400D PHILIPS-BT1306-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
Z00607MA NXP-Z00607MA Datasheet
82Kb / 12P
   Triac logic level
Rev. 01-26 February 2008
BT1308-400D PHILIPS-BT1308-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
logo
List of Unclassifed Man...
FT16 ETC-FT16 Datasheet
142Kb / 4P
   LOGIC LEVEL TRIAC
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6_12 Datasheet
195Kb / 5P
   LOGIC LEVEL TRIAC
logo
NXP Semiconductors
MAC97A8 PHILIPS-MAC97A8 Datasheet
219Kb / 12P
   Logic level triac
Rev. 01-29 March 2001
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6 Datasheet
130Kb / 5P
   LOGIC LEVEL TRIAC
logo
List of Unclassifed Man...
MAC97A6 ETC-MAC97A6 Datasheet
291Kb / 4P
   0.8A Logic level TRIAC
logo
STMicroelectronics
T1610T-8I STMICROELECTRONICS-T1610T-8I Datasheet
179Kb / 10P
   Logic level 16 A Triac
April 2012 Rev 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com