Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UZ0103L-8-T92-K Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UZ0103L-8-T92-K
Description  1A TRIAC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UZ0103L-8-T92-K Datasheet(HTML) 2 Page - Unisonic Technologies

  UZ0103L-8-T92-K Datasheet HTML 1Page - Unisonic Technologies UZ0103L-8-T92-K Datasheet HTML 2Page - Unisonic Technologies UZ0103L-8-T92-K Datasheet HTML 3Page - Unisonic Technologies UZ0103L-8-T92-K Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UZ0103
Preliminary
TRIAC
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R401-037.D
MARKING
SOT-223
TO-92
UT C
UZ0103
1
Data Code
L: Lead Free
G: Halogen Free
Peak Voltage


Similar Part No. - UZ0103L-8-T92-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ0103 UTC-UZ0103 Datasheet
166Kb / 3P
   1A TRIACS
UZ0103XG-AA3-R UTC-UZ0103XG-AA3-R Datasheet
166Kb / 3P
   1A TRIACS
UZ0103XG-T92-B UTC-UZ0103XG-T92-B Datasheet
166Kb / 3P
   1A TRIACS
UZ0103XG-T92-K UTC-UZ0103XG-T92-K Datasheet
166Kb / 3P
   1A TRIACS
UZ0103XG-T92-R UTC-UZ0103XG-T92-R Datasheet
166Kb / 3P
   1A TRIACS
More results

Similar Description - UZ0103L-8-T92-K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HTB1A80AS SEMIHOW-HTB1A80AS Datasheet
305Kb / 5P
   1A TRIAC
logo
Renesas Technology Corp
AC01DGM RENESAS-AC01DGM Datasheet
1Mb / 8P
   1A MOLD TRIAC
1988
logo
NEC
AC01DGM NEC-AC01DGM Datasheet
1Mb / 6P
   1A MOLD TRIAC
logo
DONGGUAN YOU FENG WEI E...
BT131 YFWDIODE-BT131 Datasheet
686Kb / 4P
   1A four-quadrant triac
logo
SemiHow Co.,Ltd.
HTT1A80AS SEMIHOW-HTT1A80AS Datasheet
242Kb / 4P
   3 Quadrants 1A TRIAC
logo
DONGGUAN YOU FENG WEI E...
BT134W YFWDIODE-BT134W Datasheet
1Mb / 4P
   1A four-quadrant triac
logo
Sanken electric
STA221A SANKEN-STA221A Datasheet
32Kb / 1P
   1A 4 circuits Triac Array
logo
Renesas Technology Corp
BCR1BM-16A RENESAS-BCR1BM-16A_15 Datasheet
62Kb / 4P
   800V - 1A - Triac Low Power Use
BCR1BM-16A RENESAS-BCR1BM-16A Datasheet
62Kb / 4P
   800V - 1A - Triac Low Power Use
BCR1AM-12A RENESAS-BCR1AM-12A_15 Datasheet
91Kb / 7P
   600V-1A-Triac Low Power Use
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com