Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTT50P06L-TN3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTT50P06L-TN3-T
Description  P-CHANNEL (D-S) POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT50P06L-TN3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  UTT50P06L-TN3-T Datasheet HTML 1Page - Unisonic Technologies UTT50P06L-TN3-T Datasheet HTML 2Page - Unisonic Technologies UTT50P06L-TN3-T Datasheet HTML 3Page - Unisonic Technologies UTT50P06L-TN3-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTT50P06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-596.C
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-60
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous (TJ=175°C)
TC=25°C
ID
-50 (Note 5)
A
TC=125°C
-27.5
A
Pulsed
IDM
-80
A
Avalanche Current
IAR
-50
A
Single Pulse Avalanche Energy (Note 2)
L=0.1mH
EAS
125
mJ
Power Dissipation
TC=25°C
TO-220
PD
113 (Note 4)
W
TO-252
50
W
TO-262
113
W
TA=25°C
TO-220
2.5 (Note 3, 4)
W
TO-252
1.13
W
TO-262
2.5
W
Junction Temperature
TJ
-55~+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Duty cycle≤1%.
3. When Mounted on 1" square PCB (FR-4 material).
4. See SOA curve for voltage derating.
5. Package limited.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220
θJA
50
°C/W
TO-252
110
°C/W
TO-262
50
°C/W
Junction to Case
TO-220
θJC
1.1
°C/W
TO-252
2.5
°C/W
TO-262
1.1
°C/W


Similar Part No. - UTT50P06L-TN3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT50P06L-TN3-T UTC-UTT50P06L-TN3-T Datasheet
177Kb / 4P
   P-CHANNEL (D-S) POWER MOSFET
More results

Similar Description - UTT50P06L-TN3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT50P06 UTC-UTT50P06_15 Datasheet
177Kb / 4P
   P-CHANNEL (D-S) POWER MOSFET
UT3P06 UTC-UT3P06 Datasheet
138Kb / 3P
   3A, 60V (D-S) P-CHANNEL POWER MOSFET
UTT50P06 UTC-UTT50P06 Datasheet
144Kb / 3P
   -50A, -60V P-CHANNEL (D-S) POWER MOSFET
logo
VBsemi Electronics Co.,...
VBE25R04 VBSEMI-VBE25R04 Datasheet
850Kb / 10P
   P-Channel 500 V (D-S)Power MOSFET
logo
Leshan Radio Company
LP2317DT2AG LRC-LP2317DT2AG Datasheet
882Kb / 5P
   20V P-Channel (D-S) MOSFET
LP0404N3T5G LRC-LP0404N3T5G Datasheet
1Mb / 5P
   20V, P-Channel (D-S) MOSFET
LP8207DT1AG LRC-LP8207DT1AG Datasheet
320Kb / 5P
   20V P-Channel (D-S) MOSFET
LP8217DT1AG LRC-LP8217DT1AG Datasheet
220Kb / 3P
   20V P-Channel (D-S) MOSFET
S-LP2309LT1G LRC-S-LP2309LT1G Datasheet
527Kb / 6P
   P-Channel 60V (D-S) MOSFET
logo
Shenzhen Tuofeng Semico...
TF207P TUOFENG-TF207P Datasheet
3Mb / 6P
   P-Channel -20V(D-S) MOSFET
Dec 2020 V1.1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com