Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

660PS097Z124N Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 660PS097Z124N
Description  Connectors and Accessories
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

660PS097Z124N Datasheet(HTML) 2 Page - Glenair, Inc.

  660PS097Z124N Datasheet HTML 1Page - Glenair, Inc. 660PS097Z124N Datasheet HTML 2Page - Glenair, Inc. 660PS097Z124N Datasheet HTML 3Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
79
B
H
© 2013 Glenair, Inc.
Series 970 PowerTrip™
CAGE Code 06324
Printed in U.S.A.
Attach covers to panel or cable connector with sash chain or rope. Large ring fits under
jamnutofpanelmountreceptacleoroveraccessorythreadofcableconnector(captivate
with backshell or adapter). Ring terminal fits #4, #6 or #8 screws on backshell or square
flange panel receptacle mounting screws. Split rings also available-see next page.
PROTECTIVE COVERS
HOW TO ORDER
SERIES
SHELL MATERIAL
/ FINISH
SHELL
SIZE
ATTACHMENT
TYPE
ATTACHMENT
LENGTH
FITTING TYPE AND DIAMETER
(SEE NEXT PAGE FOR ADDITIONAL SIZES)
660PS097
Plug Cover
660PS098
Receptacle
Cover
ME
Aluminum /
Electroless Nickel
RoHS Compliant
NF
Aluminum /
Cadmium with Olive
Drab Chromate
ZR
Aluminum / Zinc-
Nickel with Non-
Reflective Black
Chromate
RoHS Compliant
MT
Aluminum / Nickel-
PTFE
RoHS Compliant
Z1
Stainless Steel /
Passivated
RoHS Compliant
18
20
24
28
32
36
40
N
No
attachment
S
Sash Chain
H
Teflon
Coated
SST Wire
Rope
G
Black Nylon
Rope
Length in
Inches
3
3 inches
4
4 inches
5
5 inches
6
6 inches
Other
lengths are
available,
including
fractional
sizes.
EXAMPLE:
for a 7 ½
inch length,
use 7.5
Ring Terminal or Clevis for Attaching
With #4, #6 or #8 Screw
CLEVIS
SASH CHAIN
Clevis Fitting
Type S Chain
Ring Terminal
Type H and G Rope
Code
Screw Size
Ring I.D.
-06
#4
.125
-09
#6
.156
-03
#8
.191
Ring for Attaching Under Jam Nut
Receptacle or Over Accessory Thread
Code
Shell
Size
Jam Nut
Thd.
Ring I.D.
-21
18
1.250
1.265
-23
20
1.4375
1.453
-27
24
1.625
1.640
-31
28
1.9375
1.953
-35
32
2.125
2.140
-40
36
2.375
2.406
-44
40
2.625
2.656
Code
Shell
Size
Access.
Thd.
Ring I.D.
-19
18
1.125
1.140
-21
20
1.250
1.265
-23
24
1.500
1.453
-30
28
1.750
1.875
-33
32
2.000
2.077
-40
36
2.250
2.406
-44
40
2.500
2.656
Sample Part Number
660PS097
MT
24
S
4
-06
Series 970 PowerTrip™ Connectors and Accessories
Accessories
660PS097 & 098 Protective Covers


Similar Part No. - 660PS097Z124N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
660 LITTELFUSE-660 Datasheet
146Kb / 1P
   MINIATURE FUSEHOLDERS
logo
Oscilent Corporation
660 OSCILENT-660 Datasheet
142Kb / 2P
   Discriminator
logo
3M Electronics
660 3M-660 Datasheet
574Kb / 6P
   3M??Scotch짰 Red Cellophane Tape 660
logo
List of Unclassifed Man...
660 ETC-660 Datasheet
1Mb / 4P
   Power toggle switches ??metal lever
logo
Vishay Siliconix
660#10ACD10 VISHAY-660#10ACD10 Datasheet
91Kb / 5P
   High Voltage Ceramic DC Disc Capacitors with Axial Leads, 10 kVDC to 30 kVDC
Revision: 11-Sep-15
More results

Similar Description - 660PS097Z124N

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
620PS076 GLENAIR-620PS076 Datasheet
311Kb / 2P
   Connectors and Accessories
930-014 GLENAIR-930-014 Datasheet
230Kb / 1P
   Connectors and Accessories
970-007 GLENAIR-970-007 Datasheet
495Kb / 2P
   PowerTrip Connectors and Accessories
970-010 GLENAIR-970-010 Datasheet
304Kb / 2P
   PowerTrip Connectors and Accessories
370-024 GLENAIR-370-024 Datasheet
691Kb / 3P
   PowerTrip Connectors and Accessories
970-003 GLENAIR-970-003 Datasheet
327Kb / 2P
   PowerTrip Connectors and Accessories
970-005 GLENAIR-970-005 Datasheet
382Kb / 2P
   PowerTrip Connectors and Accessories
970-006 GLENAIR-970-006 Datasheet
506Kb / 2P
   PowerTrip Connectors and Accessories
970-009 GLENAIR-970-009 Datasheet
371Kb / 2P
   PowerTrip Connectors and Accessories
logo
Advantech Co., Ltd.
1701400973 ADVANTECH-1701400973 Datasheet
164Kb / 1P
   Accessories Connectors and Cables
1-Mar-2007
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com