Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23ACC12T4V10 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 23ACC12T4V10
Description  Robust and soft freewheeling diodes in
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

23ACC12T4V10 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  23ACC12T4V10 Datasheet HTML 1Page - List of Unclassifed Manufacturers 23ACC12T4V10 Datasheet HTML 2Page - List of Unclassifed Manufacturers 23ACC12T4V10 Datasheet HTML 3Page - List of Unclassifed Manufacturers 23ACC12T4V10 Datasheet HTML 4Page - List of Unclassifed Manufacturers 23ACC12T4V10 Datasheet HTML 5Page - List of Unclassifed Manufacturers 23ACC12T4V10 Datasheet HTML 6Page - List of Unclassifed Manufacturers 23ACC12T4V10 Datasheet HTML 7Page - List of Unclassifed Manufacturers 23ACC12T4V10 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SKiiP 23ACC12T4V10
2
Rev. 3 – 02.04.2015
© by SEMIKRON
MiniSKiiP® 2
ACC
Twin 6-pack
SKiiP 23ACC12T4V10
Target Data
Features
•Trench 4 IGBTs
• Robust and soft freewheeling diodes in
CAL technology
• Highly reliable spring contacts for
electrical connections
• UL recognised: File no. E63532
Typical Applications*
•4Q inverters
Remarks
• Max. case temperature limited to
TC=125°C
• Short circuit behaviour of one leg must
be verified in the final application
Characteristics
Symbol Conditions
min.
typ.
max.
Unit
IGBT 1 - 6
VCE(sat)
IC =15A
VGE =15 V
chiplevel
Tj =25 °C
1.85
2.10
V
Tj =150 °C
2.25
2.45
V
VCE0
chiplevel
Tj =25 °C
0.8
0.9
V
Tj =150 °C
0.7
0.8
V
rCE
VGE =15 V
chiplevel
Tj =25 °C
70
80
Tj =150 °C
103
110
VGE(th)
VGE =VCE V, IC =1 mA
55.8
6.5
V
ICES
VGE =0 V
VCE = 1200 V
Tj =25 °C
0.1
0.3
mA
mA
Cies
VCE =25V
VGE =0 V
f=1MHz
0.90
nF
Coes
f=1MHz
0.08
nF
Cres
f=1MHz
0.06
nF
QG
VGE = - 8 V...+ 15 V
85
nC
RGint
Tj =25°C
0
Ω
td(on)
VCC = 600 V
IC =15A
RG on =39 Ω
RG off =39 Ω
di/dton =400 A/µs
di/dtoff =200 A/µs
VGE = +15/-15 V
Tj =150 °C
31
ns
tr
Tj =150 °C
30
ns
Eon
Tj =150 °C
1.65
mJ
td(off)
Tj =150 °C
315
ns
tf
Tj =150 °C
66
ns
Eoff
Tj =150 °C
1.5
mJ
Rth(j-s)
per IGBT, λpaste=0.8 W/K*m
1.3
K/W
IGBT 7 - 12
VCE(sat)
IC =25A
VGE =15 V
chiplevel
Tj =25 °C
1.85
2.10
V
Tj =150 °C
2.25
2.45
V
VCE0
chiplevel
Tj =25 °C
0.8
0.9
V
Tj =150 °C
0.7
0.8
V
rCE
VGE =15 V
chiplevel
Tj =25 °C
42
48
Tj =150 °C
62
66
VGE(th)
VGE =VCE V, IC =1 mA
55.8
6.5
V
ICES
VGE =0 V
VCE = 1200 V
Tj =25 °C
0.1
0.3
mA
mA
Cies
VCE =25V
VGE =0 V
f=1MHz
1.43
nF
Coes
f=1MHz
0.12
nF
Cres
f=1MHz
0.09
nF
QG
VGE = - 8 V...+ 15 V
142
nC
RGint
Tj =25°C
0
Ω
td(on)
VCC = 600 V
IC =25A
RG on =39 Ω
RG off =39 Ω
di/dton =465 A/µs
di/dtoff =350 A/µs
VGE = +15/-15 V
Tj =150 °C
44
ns
tr
Tj =150 °C
46
ns
Eon
Tj =150 °C
3.7
mJ
td(off)
Tj =150 °C
330
ns
tf
Tj =150 °C
62
ns
Eoff
Tj =150 °C
2.4
mJ
Rth(j-s)
per IGBT, λpaste=0.8 W/K*m
1K/W


Similar Part No. - 23ACC12T4V10

ManufacturerPart #DatasheetDescription
logo
Semikron International
23ACC12T4V10 SEMIKRON-23ACC12T4V10 Datasheet
1Mb / 9P
   Twin 6-pack
More results

Similar Description - 23ACC12T4V10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24ACC12T4V10 ETC2-24ACC12T4V10 Datasheet
1Mb / 8P
   Robust and soft freewheeling diodes in CAL technology
35ACC12T4V10 ETC2-35ACC12T4V10 Datasheet
276Kb / 4P
   Robust and soft freewheeling diodes in CAL technology
logo
Alpha & Omega Semicondu...
AOD7B65M3 AOSMD-AOD7B65M3 Datasheet
540Kb / 9P
   Very fast and soft recovery freewheeling diode
AOB5B65M1 AOSMD-AOB5B65M1 Datasheet
558Kb / 9P
   Very fast and soft recovery freewheeling diode
AOD5B65M1 AOSMD-AOD5B65M1 Datasheet
548Kb / 9P
   Very fast and soft recovery freewheeling diode
AOB20B65M1 AOSMD-AOB20B65M1 Datasheet
564Kb / 9P
   Very fast and soft recovery freewheeling diode
logo
IXYS Corporation
VHFD37-16IO1 IXYS-VHFD37-16IO1 Datasheet
85Kb / 3P
   Half Controlled Single Phase Rectifier Bridge Including Freewheeling Diode and Field Diodes
VHFD37 IXYS-VHFD37 Datasheet
115Kb / 3P
   Half Controlled Single Phase Rectifier Bridge Including Freewheeling Diode and Field Diodes
logo
Advanced Power Technolo...
APT30DS60B ADPOW-APT30DS60B_04 Datasheet
125Kb / 4P
   2-300V HIGH FREQUENCY SOFT RECOVERY RECTIFIER DIODES IN SERIES
APT30DS60H ADPOW-APT30DS60H Datasheet
31Kb / 2P
   2-300V HIGH FREQUENCY SOFT RECOVERY RECTIFIER DIODES IN SERIES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com