Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24ACC12T4V10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 24ACC12T4V10
Description  Robust and soft freewheeling diodes in CAL technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

24ACC12T4V10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  24ACC12T4V10 Datasheet HTML 1Page - List of Unclassifed Manufacturers 24ACC12T4V10 Datasheet HTML 2Page - List of Unclassifed Manufacturers 24ACC12T4V10 Datasheet HTML 3Page - List of Unclassifed Manufacturers 24ACC12T4V10 Datasheet HTML 4Page - List of Unclassifed Manufacturers 24ACC12T4V10 Datasheet HTML 5Page - List of Unclassifed Manufacturers 24ACC12T4V10 Datasheet HTML 6Page - List of Unclassifed Manufacturers 24ACC12T4V10 Datasheet HTML 7Page - List of Unclassifed Manufacturers 24ACC12T4V10 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SKiiP 24ACC12T4V10
© by SEMIKRON
Rev. 3 – 02.04.2015
1
MiniSKiiP® 2
ACC
Twin 6-pack
SKiiP 24ACC12T4V10
Target Data
Features
•Trench 4 IGBTs
• Robust and soft freewheeling diodes in
CAL technology
• Highly reliable spring contacts for
electrical connections
• UL recognised: File no. E63532
Typical Applications*
•4Q inverters
Remarks
• Max. case temperature limited to
TC=125°C
• Short circuit behaviour of one leg must
be verified in the final application
Absolute Maximum Ratings
Symbol Conditions
Values
Unit
IGBT 1 - 6
VCES
Tj =25°C
1200
V
IC
Tj = 150 °C
Ts =25°C
37
A
Ts =70°C
29
A
IC
Tj = 175 °C
Ts =25°C
41
A
Ts =70°C
34
A
ICnom
25
A
ICRM
ICRM = 3 x ICnom
75
A
VGES
-20 ... 20
V
tpsc
VCC = 800 V
VGE ≤ 15 V
VCES ≤ 1200 V
Tj =150 °C
10
µs
Tj
-40 ... 175
°C
IGBT 7 - 12
VCES
Tj =25°C
1200
V
IC
Tj = 150 °C
Ts =25°C
47
A
Ts =70°C
36
A
IC
Tj = 175 °C
Ts =25°C
52
A
Ts =70°C
43
A
ICnom
35
A
ICRM
ICRM = 3 x ICnom
105
A
VGES
-20 ... 20
V
tpsc
VCC = 800 V
VGE ≤ 15 V
VCES ≤ 1200 V
Tj =150 °C
10
µs
Tj
-40 ... 175
°C
Diode 1 - 6
VRRM
Tj =25°C
1200
V
IF
Tj = 150 °C
Ts =25°C
28
A
Ts =70°C
21
A
IF
Tj = 175 °C
Ts =25°C
32
A
Ts =70°C
26
A
IFnom
25
A
IFRM
IFRM = 3xIFnom
75
A
IFSM
10 ms, sin 180°, Tj =150 °C
100
A
Tj
-40 ... 175
°C
Diode 7 - 12
VRRM
Tj =25°C
1200
V
IF
Tj = 150 °C
Ts =25°C
39
A
Ts =70°C
30
A
IF
Tj = 175 °C
Ts =25°C
44
A
Ts =70°C
35
A
IFnom
35
A
IFRM
IFRM = 3 x IFnom
105
A
IFSM
10 ms, sin 180°, Tj =150 °C
170
A
Tj
-40 ... 175
°C
Module
It(RMS)
20 A per spring
40
A
Tstg
-40 ... 125
°C
Visol
AC sinus 50 Hz, 1 min
2500
V


Similar Part No. - 24ACC12T4V10

ManufacturerPart #DatasheetDescription
logo
Semikron International
24ACC12T4V10 SEMIKRON-24ACC12T4V10 Datasheet
1Mb / 9P
   Twin 6-pack
More results

Similar Description - 24ACC12T4V10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
35ACC12T4V10 ETC2-35ACC12T4V10 Datasheet
276Kb / 4P
   Robust and soft freewheeling diodes in CAL technology
23ACC12T4V10 ETC2-23ACC12T4V10 Datasheet
1Mb / 8P
   Robust and soft freewheeling diodes in
logo
Alpha & Omega Semicondu...
AOD7B65M3 AOSMD-AOD7B65M3 Datasheet
540Kb / 9P
   Very fast and soft recovery freewheeling diode
AOB5B65M1 AOSMD-AOB5B65M1 Datasheet
558Kb / 9P
   Very fast and soft recovery freewheeling diode
AOD5B65M1 AOSMD-AOD5B65M1 Datasheet
548Kb / 9P
   Very fast and soft recovery freewheeling diode
AOB20B65M1 AOSMD-AOB20B65M1 Datasheet
564Kb / 9P
   Very fast and soft recovery freewheeling diode
logo
Infineon Technologies A...
IKW08T120 INFINEON-IKW08T120_13 Datasheet
516Kb / 16P
   IGBT in TrenchStop짰 and Fieldstop technology with soft,
Rev. 2.4 12.06.2013
logo
SemiHow Co.,Ltd.
HCS70R600S SEMIHOW-HCS70R600S Datasheet
168Kb / 7P
   Robust Gate Oxide Technology
logo
IXYS Corporation
VHFD37-16IO1 IXYS-VHFD37-16IO1 Datasheet
85Kb / 3P
   Half Controlled Single Phase Rectifier Bridge Including Freewheeling Diode and Field Diodes
VHFD37 IXYS-VHFD37 Datasheet
115Kb / 3P
   Half Controlled Single Phase Rectifier Bridge Including Freewheeling Diode and Field Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com