Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2342DS Datasheet(PDF) 3 Page - Vishay Telefunken

Part # SI2342DS
Description  N-Channel 8 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI2342DS Datasheet(HTML) 3 Page - Vishay Telefunken

  SI2342DS Datasheet HTML 1Page - Vishay Telefunken SI2342DS Datasheet HTML 2Page - Vishay Telefunken SI2342DS Datasheet HTML 3Page - Vishay Telefunken SI2342DS Datasheet HTML 4Page - Vishay Telefunken SI2342DS Datasheet HTML 5Page - Vishay Telefunken SI2342DS Datasheet HTML 6Page - Vishay Telefunken SI2342DS Datasheet HTML 7Page - Vishay Telefunken SI2342DS Datasheet HTML 8Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 63302
S11-1388-Rev. A, 11-Jul-11
www.vishay.com
3
Vishay Siliconix
Si2342DS
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
6
12
18
24
30
00.5
11.5
2
V
DS - Drain-to-Source Voltage (V)
V
GS = 1.5 V
V
GS = 5 V thru 2 V
V
GS = 1 V
0.010
0.016
0.022
0.028
0.034
0.040
0
6
12
18
24
30
I
D - Drain Current (A)
V
GS = 2.5 V
V
GS = 1.5 V
V
GS = 4.5 V
V
GS = 1.8 V
V
GS = 1.2 V
0
0.9
1.8
2.7
3.6
4.5
0369
12
Q
g - Total Gate Charge (nC)
V
DS = 6.4 V
V
DS = 4 V
V
DS = 2 V
I
D = 7.2 A
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
1
2
3
4
5
0
0.3
0.6
0.9
1.2
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
300
600
900
1200
1500
02468
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.7
0.9
1.1
1.3
- 50
- 25
0
255075
100
125
150
T
J - Junction Temperature (°C)
I
D = 7.2 A
V
GS = 4.5 V
V
GS = 2.5 V


Similar Part No. - SI2342DS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2342DS VISHAY-SI2342DS Datasheet
137Kb / 7P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 11-Jul-11
SI2342DS VISHAY-SI2342DS Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
09-Jul-2021
SI2342DS VISHAY-SI2342DS Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI2342DS-T1-GE3 VBSEMI-SI2342DS-T1-GE3 Datasheet
1Mb / 9P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI2342DS-T1-GE3 VISHAY-SI2342DS-T1-GE3 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
09-Jul-2021
More results

Similar Description - SI2342DS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7100DN VISHAY-SI7100DN Datasheet
549Kb / 14P
   N-Channel 8-V (D-S) MOSFET
Rev. C, 17-Mar-08
SI8466EDB VISHAY-SI8466EDB Datasheet
141Kb / 9P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
logo
Vishay Telefunken
SI8466EDB TFUNK-SI8466EDB Datasheet
167Kb / 9P
   N-Channel 8 V (D-S) MOSFET
logo
Vishay Siliconix
SI8802DB VISHAY-SI8802DB_V01 Datasheet
139Kb / 8P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SI2342DS VISHAY-SI2342DS_V01 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
09-Jul-2021
SI2342DS VISHAY-SI2342DS_V02 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SIA414DJ VISHAY-SIA414DJ_08 Datasheet
193Kb / 9P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 03-Mar-08
SI8416DB VISHAY-SI8416DB Datasheet
142Kb / 9P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 26-Dec-11
SI8424CDB VISHAY-SI8424CDB Datasheet
243Kb / 11P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
SI1050X VISHAY-SI1050X_08 Datasheet
122Kb / 6P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com