Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8424CDB Datasheet(PDF) 6 Page - Vishay Telefunken

Part # SI8424CDB
Description  N-Channel 8 V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI8424CDB Datasheet(HTML) 6 Page - Vishay Telefunken

Back Button SI8424CDB Datasheet HTML 2Page - Vishay Telefunken SI8424CDB Datasheet HTML 3Page - Vishay Telefunken SI8424CDB Datasheet HTML 4Page - Vishay Telefunken SI8424CDB Datasheet HTML 5Page - Vishay Telefunken SI8424CDB Datasheet HTML 6Page - Vishay Telefunken SI8424CDB Datasheet HTML 7Page - Vishay Telefunken SI8424CDB Datasheet HTML 8Page - Vishay Telefunken SI8424CDB Datasheet HTML 9Page - Vishay Telefunken SI8424CDB Datasheet HTML 10Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Si8424CDB
www.vishay.com
Vishay Siliconix
S15-1692-Rev. C, 20-Jul-15
6
Document Number: 63894
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to-Ambient (1" x 1" FR4 Board with Full Copper)
Normalized Thermal Transient Impedance, Junction-to-Ambient (1" x 1" FR4 Board with Minimum Copper)
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?63894.
10-3
10-2
0
0
6
0
1
1
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 85 °C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
10-3
10-2
0
0
0
1
0
1
1
10-1
100
0.2
0.1
0.05
0.02
Square Wave Pulse Duration (s)
1
0.1
0.01
Duty Cycle = 0.5
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 175 °C/W
3. TJM - TA =PDMZthJA(t)
t1
t2
4. Surface Mounted
Single Pulse


Similar Part No. - SI8424CDB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI8424CDB VISHAY-SI8424CDB Datasheet
243Kb / 11P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
SI8424CDB VISHAY-SI8424CDB_V01 Datasheet
250Kb / 11P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI8424CDB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7100DN VISHAY-SI7100DN Datasheet
549Kb / 14P
   N-Channel 8-V (D-S) MOSFET
Rev. C, 17-Mar-08
SI8466EDB VISHAY-SI8466EDB Datasheet
141Kb / 9P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
logo
Vishay Telefunken
SI2342DS TFUNK-SI2342DS Datasheet
247Kb / 8P
   N-Channel 8 V (D-S) MOSFET
SI8466EDB TFUNK-SI8466EDB Datasheet
167Kb / 9P
   N-Channel 8 V (D-S) MOSFET
logo
Vishay Siliconix
SI8802DB VISHAY-SI8802DB_V01 Datasheet
139Kb / 8P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SI2342DS VISHAY-SI2342DS_V01 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
09-Jul-2021
SI2342DS VISHAY-SI2342DS_V02 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SIA414DJ VISHAY-SIA414DJ_08 Datasheet
193Kb / 9P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 03-Mar-08
SI8416DB VISHAY-SI8416DB Datasheet
142Kb / 9P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 26-Dec-11
SI8424CDB VISHAY-SI8424CDB Datasheet
243Kb / 11P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
SI1050X VISHAY-SI1050X_08 Datasheet
122Kb / 6P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com