Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIA430DJ Datasheet(PDF) 7 Page - Vishay Telefunken

Part # SIA430DJ
Description  N-Channel 20 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIA430DJ Datasheet(HTML) 7 Page - Vishay Telefunken

  SIA430DJ Datasheet HTML 1Page - Vishay Telefunken SIA430DJ Datasheet HTML 2Page - Vishay Telefunken SIA430DJ Datasheet HTML 3Page - Vishay Telefunken SIA430DJ Datasheet HTML 4Page - Vishay Telefunken SIA430DJ Datasheet HTML 5Page - Vishay Telefunken SIA430DJ Datasheet HTML 6Page - Vishay Telefunken SIA430DJ Datasheet HTML 7Page - Vishay Telefunken SIA430DJ Datasheet HTML 8Page - Vishay Telefunken SIA430DJ Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Vishay Siliconix
Package Information
Document Number: 73001
06-Aug-07
www.vishay.com
1
PowerPAK® SC70-6L
DIM
SINGLE PAD
DUAL PAD
MILLIMETERS
INCHES
MILLIMETERS
INCHES
Min
Nom
Max
Min
Nom
Max
Min
Nom
Max
Min
Nom
Max
A
0.675
0.75
0.80
0.027
0.030
0.032
0.675
0.75
0.80
0.027
0.030
0.032
A1
0
-
0.05
0
-
0.002
0
-
0.05
0
-
0.002
b
0.23
0.30
0.38
0.009
0.012
0.015
0.23
0.30
0.38
0.009
0.012
0.015
C
0.15
0.20
0.25
0.006
0.008
0.010
0.15
0.20
0.25
0.006
0.008
0.010
D
1.98
2.05
2.15
0.078
0.081
0.085
1.98
2.05
2.15
0.078
0.081
0.085
D1
0.85
0.95
1.05
0.033
0.037
0.041
0.513
0.613
0.713
0.020
0.024
0.028
D2
0.135
0.235
0.335
0.005
0.009
0.013
E
1.98
2.05
2.15
0.078
0.081
0.085
1.98
2.05
2.15
0.078
0.081
0.085
E1
1.40
1.50
1.60
0.055
0.059
0.063
0.85
0.95
1.05
0.033
0.037
0.041
E2
0.345
0.395
0.445
0.014
0.016
0.018
E3
0.425
0.475
0.525
0.017
0.019
0.021
e
0.65 BSC
0.026 BSC
0.65 BSC
0.026 BSC
K
0.275 TYP
0.011 TYP
0.275 TYP
0.011 TYP
K1
0.400 TYP
0.016 TYP
0.320 TYP
0.013 TYP
K2
0.240 TYP
0.009 TYP
0.252 TYP
0.010 TYP
K3
0.225 TYP
0.009 TYP
K4
0.355 TYP
0.014 TYP
L
0.175
0.275
0.375
0.007
0.011
0.015
0.175
0.275
0.375
0.007
0.011
0.015
T
0.05
0.10
0.15
0.002
0.004
0.006
ECN: C-07431
− Rev. C, 06-Aug-07
DWG: 5934
BACKSIDE VIEW OF SINGLE
BACKSIDE VIEW OF DUAL
Notes:
1. All dimensions are in millimeters
2. Package outline exclusive of mold flash and metal burr
3. Package outline inclusive of plating
PIN1
PIN6
PIN5
PIN4
PIN2
PIN3
A
Z
DETAIL Z
z
D
K1
K2
K3
K2
K2
e
b
b
e
PIN6
PIN5
PIN4
PIN1
PIN3
PIN2
D1
D2
D1
D1
K1


Similar Part No. - SIA430DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA430DJ VISHAY-SIA430DJ Datasheet
226Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 26-May-08
logo
Analog Devices
SiA430DJ AD-SiA430DJ Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
SiA430DJ AD-SiA430DJ Datasheet
843Kb / 28P
   20 V, 6 A Synchronous Step-Down
REV. 0
SiA430DJ AD-SiA430DJ Datasheet
2Mb / 32P
   Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
logo
Vishay Siliconix
SIA430DJ-T1-GE3 VISHAY-SIA430DJ-T1-GE3 Datasheet
226Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 26-May-08
More results

Similar Description - SIA430DJ

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com