Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX51 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BCX51
Description  For AF driver and output stages
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCX51 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BCX51_11 Datasheet HTML 1Page - Infineon Technologies AG BCX51_11 Datasheet HTML 2Page - Infineon Technologies AG BCX51_11 Datasheet HTML 3Page - Infineon Technologies AG BCX51_11 Datasheet HTML 4Page - Infineon Technologies AG BCX51_11 Datasheet HTML 5Page - Infineon Technologies AG BCX51_11 Datasheet HTML 6Page - Infineon Technologies AG BCX51_11 Datasheet HTML 7Page - Infineon Technologies AG BCX51_11 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2011-07-29
4
BCX51...-BCX53...
DC current gain hFE = ƒ(IC)
VCE = 2 V
10
10
10
10
BCX 51...53
EHP00440
h
mA
0
1
34
FE
3
10
10 2
0
10
5
5
10 1
2
10
5
100
25
-50
55
5
C
Ι
˚C
˚C
˚C
Collector-emitter saturation voltage
IC = ƒ(VCEsat), hFE = 10
0
0.4
0.8
BCX 51...53
EHP00441
V
CE sat
V
mA
10
4
1
10
10
10
2
10
10
3
10
Ι
C
5
5
5
10
0
0.2
0.6
100
25
-50
˚C
˚C
˚C
Base-emitter saturation voltage
IC = ƒ(VBEsat), hFE = 10
10
0
0.6
BCX 51...53
EHP00443
V
BE sat
10
mA
10
10
10
4
3
2
1
0
5
5
5
V
0.2
0.4
0.8
1.0
1.2
100
25
-50
C
Ι
˚C
˚C
˚C
Collector current IC = ƒ(VBE)
VCE = 2V
10
0
0.6
BCX 51...53
EHP00437
V
BE
10
mA
10
10
10
4
3
2
1
0
5
5
5
V
0.2
0.4
0.8
1.0
1.2
100
25
-50
C
Ι
˚C
˚C
˚C


Similar Part No. - BCX51_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX51-10 PHILIPS-BCX51-10 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
logo
Rectron Semiconductor
BCX51-10 RECTRON-BCX51-10 Datasheet
265Kb / 6P
   TRANSISTOR (PNP)
logo
Siemens Semiconductor G...
BCX51-10 SIEMENS-BCX51-10 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Rectron Semiconductor
BCX51-10 RECTRON-BCX51-10 Datasheet
335Kb / 6P
   TRANSISTOR (PNP)
logo
Infineon Technologies A...
BCX51-10 INFINEON-BCX51-10 Datasheet
141Kb / 5P
   PNP Silicon AF Transistors
Feb-10-2004
More results

Similar Description - BCX51_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCX54 INFINEON-BCX54_11 Datasheet
526Kb / 8P
   For AF driver and output stages
2011-09-19
logo
Shanghai Leiditech Elec...
BCP54 LEIDITECH-BCP54 Datasheet
1,000Kb / 4P
   For AF driver and output stages
logo
First Silicon Co., Ltd
BCP55 FS-BCP55 Datasheet
533Kb / 5P
   For AF driver and output stages
logo
Infineon Technologies A...
BCP56-16E6327 INFINEON-BCP56-16E6327 Datasheet
827Kb / 7P
   For AF driver and output stages
2011-10-13
logo
Fairchild Semiconductor
BC80725MTF FAIRCHILD-BC80725MTF Datasheet
77Kb / 6P
   Suitable for AF-Driver stages and low power output stages
BC33725TA FAIRCHILD-BC33725TA Datasheet
33Kb / 3P
   Suitable for AF-Driver stages and low power output stages
logo
Infineon Technologies A...
BC847AE6327 INFINEON-BC847AE6327 Datasheet
881Kb / 13P
   For AF input stages and driver applications
2011-09-09
BC847B-E6327 INFINEON-BC847B-E6327 Datasheet
881Kb / 13P
   For AF input stages and driver applications
2011-09-09
logo
Siemens Semiconductor G...
BCP51-BCP53 SIEMENS-BCP51-BCP53 Datasheet
140Kb / 5P
   PNP Silicon AF Transistors (For AF driver and output stages High collector current)
BCP51MBCP53M SIEMENS-BCP51MBCP53M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor (For AF driver and output stages High collector current)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com