Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFN19 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BFN19
Description  Low collector-emitter saturation voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFN19 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BFN19 Datasheet HTML 1Page - Infineon Technologies AG BFN19 Datasheet HTML 2Page - Infineon Technologies AG BFN19 Datasheet HTML 3Page - Infineon Technologies AG BFN19 Datasheet HTML 4Page - Infineon Technologies AG BFN19 Datasheet HTML 5Page - Infineon Technologies AG BFN19 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2011-09-30
4
BFN19
Transition frequency fT = ƒ(IC)
VCE = 10 V
EHP00590
BFN 17/19
10
10
10
mA
f
C
10
MHz
10
T
55
5
Ι
01
2
3
10
3
2
10
1
5
Collector-base capacitance Ccb = ƒ(VCB)
Emitter-base capacitance Ceb = ƒ(VEB)
0
4
8
12
16
V
22
VCB(VEB
0
10
20
30
40
50
60
70
pF
90
CCB
CEB
Total power dissipation Ptot = ƒ(TS)
0
15
30
45
60
75
90 105 120 °C 150
TS
0
0.2
0.4
0.6
0.8
W
1.2
Permissible Pulse Load
Ptotmax/PtotDC = ƒ(tp)
10
EHP00588
BFN 17/19
-6
0
10
5
D =
5
10
1
5
10
2
3
10
10
-5
10
-4
10
-3
10
-2
10
0
s
0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
t p
=
D
T
t p
T
tot max
tot
P
DC
P
p
t


Similar Part No. - BFN19

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFN19 SIEMENS-BFN19 Datasheet
138Kb / 4P
   PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
logo
Infineon Technologies A...
BFN19 INFINEON-BFN19 Datasheet
47Kb / 5P
   PNP Silicon High-Voltage Transistors
Nov-30-2001
logo
Zetex Semiconductors
BFN19 ZETEX-BFN19 Datasheet
16Kb / 1P
   SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Infineon Technologies A...
BFN19 INFINEON-BFN19 Datasheet
67Kb / 6P
   PNP Silicon High-Voltage Transistors
2007-03-29
More results

Similar Description - BFN19

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
A44 DGNJDZ-A44 Datasheet
304Kb / 1P
   Low Collector-Emitter Saturation Voltage
logo
Fairchild Semiconductor
KSB1151YSTU FAIRCHILD-KSB1151YSTU Datasheet
55Kb / 5P
   Low Collector-Emitter Saturation Voltage
logo
Infineon Technologies A...
SMBT2222AE6327HTSA1 INFINEON-SMBT2222AE6327HTSA1 Datasheet
538Kb / 8P
   Low collector-emitter saturation voltage
2011-08-19
logo
STMicroelectronics
2STF2280 STMICROELECTRONICS-2STF2280 Datasheet
104Kb / 7P
   Low collector-emitter saturation voltage
January 2010 Rev 1
logo
Fairchild Semiconductor
KSB1151 FAIRCHILD-KSB1151 Datasheet
50Kb / 5P
   Low Collector-Emitter Saturation Voltage Large Collector Current
logo
KODENSHI_AUK CORP.
DN200F KODENSHI-DN200F Datasheet
286Kb / 5P
   Extremely low collector-to-emitter saturation voltage
DP100 KODENSHI-DP100 Datasheet
89Kb / 3P
   Extremely low collector-to-emitter saturation voltage
DN200 KODENSHI-DN200 Datasheet
176Kb / 4P
   Extremely low collector-to-emitter saturation voltage
DN200F KODENSHI-DN200F Datasheet
286Kb / 5P
   Extremely low collector-to-emitter saturation voltage
DN030S KODENSHI-DN030S Datasheet
267Kb / 4P
   Extremely low collector-to-emitter saturation voltage
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com