Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFN19 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BFN19
Description  Low collector-emitter saturation voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFN19 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BFN19 Datasheet HTML 1Page - Infineon Technologies AG BFN19 Datasheet HTML 2Page - Infineon Technologies AG BFN19 Datasheet HTML 3Page - Infineon Technologies AG BFN19 Datasheet HTML 4Page - Infineon Technologies AG BFN19 Datasheet HTML 5Page - Infineon Technologies AG BFN19 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2011-09-30
1
BFN19
1
2
2
3
PNP Silicon High-Voltage Transistors
• Suitable for video output stages in TV sets
and switching power supplies
• High breakdown voltage
• Low collector-emitter saturation voltage
• Complementary types: BFN18 (NPN)
• Pb-free (RoHS compliant) package
• Qualified according AEC Q101
Type
Marking
Pin Configuration
Package
BFN19
DH
1=B
2=C
3=E
SOT89
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
300
V
Collector-base voltage
VCBO
300
Emitter-base voltage
VEBO
5
Collector current
IC
200
mA
Peak collector current, tp ≤ 10 ms
ICM
500
Base current
IB
100
Peak base current
IBM
200
Total power dissipation-
TS ≤ 130 °C
Ptot
1
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
RthJS
≤ 20
K/W
1For calculation of RthJA please refer to Application Note AN077 (Thermal Resistance Calculation)


Similar Part No. - BFN19

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFN19 SIEMENS-BFN19 Datasheet
138Kb / 4P
   PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
logo
Infineon Technologies A...
BFN19 INFINEON-BFN19 Datasheet
47Kb / 5P
   PNP Silicon High-Voltage Transistors
Nov-30-2001
logo
Zetex Semiconductors
BFN19 ZETEX-BFN19 Datasheet
16Kb / 1P
   SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Infineon Technologies A...
BFN19 INFINEON-BFN19 Datasheet
67Kb / 6P
   PNP Silicon High-Voltage Transistors
2007-03-29
More results

Similar Description - BFN19

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
A44 DGNJDZ-A44 Datasheet
304Kb / 1P
   Low Collector-Emitter Saturation Voltage
logo
Fairchild Semiconductor
KSB1151YSTU FAIRCHILD-KSB1151YSTU Datasheet
55Kb / 5P
   Low Collector-Emitter Saturation Voltage
logo
Infineon Technologies A...
SMBT2222AE6327HTSA1 INFINEON-SMBT2222AE6327HTSA1 Datasheet
538Kb / 8P
   Low collector-emitter saturation voltage
2011-08-19
logo
STMicroelectronics
2STF2280 STMICROELECTRONICS-2STF2280 Datasheet
104Kb / 7P
   Low collector-emitter saturation voltage
January 2010 Rev 1
logo
Fairchild Semiconductor
KSB1151 FAIRCHILD-KSB1151 Datasheet
50Kb / 5P
   Low Collector-Emitter Saturation Voltage Large Collector Current
logo
KODENSHI_AUK CORP.
DN200F KODENSHI-DN200F Datasheet
286Kb / 5P
   Extremely low collector-to-emitter saturation voltage
DP100 KODENSHI-DP100 Datasheet
89Kb / 3P
   Extremely low collector-to-emitter saturation voltage
DN200 KODENSHI-DN200 Datasheet
176Kb / 4P
   Extremely low collector-to-emitter saturation voltage
DN200F KODENSHI-DN200F Datasheet
286Kb / 5P
   Extremely low collector-to-emitter saturation voltage
DN030S KODENSHI-DN030S Datasheet
267Kb / 4P
   Extremely low collector-to-emitter saturation voltage
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com