Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGS12SN6 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BGS12SN6
Description  High switching speed, ideal for WLAN and Bluetooth applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGS12SN6 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BGS12SN6 Datasheet HTML 2Page - Infineon Technologies AG BGS12SN6 Datasheet HTML 3Page - Infineon Technologies AG BGS12SN6 Datasheet HTML 4Page - Infineon Technologies AG BGS12SN6 Datasheet HTML 5Page - Infineon Technologies AG BGS12SN6 Datasheet HTML 6Page - Infineon Technologies AG BGS12SN6 Datasheet HTML 7Page - Infineon Technologies AG BGS12SN6 Datasheet HTML 8Page - Infineon Technologies AG BGS12SN6 Datasheet HTML 9Page - Infineon Technologies AG BGS12SN6 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
BGS12SN6
List of Tables
1
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7
2
Truth Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8
3
Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9
4
Operation Ranges . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9
5
RF Input Power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9
6
RF Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10
7
Pin Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
12
8
Mechanical Data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
12
Data Sheet
6
Revision 1.2 - 2014-05-23


Similar Part No. - BGS12SN6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGS12SN6 INFINEON-BGS12SN6_16 Datasheet
2Mb / 16P
   Wideband RF SPDT Switch in small package with 0.77mm2 footprint
Revision 2.0, 2016-03-01
More results

Similar Description - BGS12SN6

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE2611T SKYWORKS-SE2611T Datasheet
482Kb / 9P
   2.4 GHz High Efficiency Front End for WLAN and Bluetooth® Applications
January 30, 2023
logo
Texas Instruments
WL1835MODCOM8B TI1-WL1835MODCOM8B Datasheet
2Mb / 24P
[Old version datasheet]   WLAN MIMO and Bluetooth Module
logo
Taoglas antenna solutio...
FXP75.07.0045B TAOGLAS-FXP75.07.0045B Datasheet
578Kb / 11P
   Ideal for Bluetooth earphones
logo
Infineon Technologies A...
BAV99E6327 INFINEON-BAV99E6327 Datasheet
171Kb / 13P
   For high-speed switching applications
2007-09-19
BAV99S-E6327 INFINEON-BAV99S-E6327 Datasheet
171Kb / 13P
   For high-speed switching applications
2007-09-19
BAS16-02VE6327 INFINEON-BAS16-02VE6327 Datasheet
1,015Kb / 21P
   For high-speed switching applications
2009-09-28
BAV99B5003 INFINEON-BAV99B5003 Datasheet
171Kb / 13P
   For high-speed switching applications
2007-09-19
BAS16E6327 INFINEON-BAS16E6327 Datasheet
1,015Kb / 21P
   For high-speed switching applications
2009-09-28
BAS28E-6433 INFINEON-BAS28E-6433 Datasheet
93Kb / 7P
   For high-speed switching applications
2007-04-19
BAS21-03WE6327 INFINEON-BAS21-03WE6327 Datasheet
119Kb / 9P
   For high-speed switching applications
2007-04-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com