Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40077 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS40077
Description  HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40077 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS40077_15 Datasheet HTML 3Page - Texas Instruments TPS40077_15 Datasheet HTML 4Page - Texas Instruments TPS40077_15 Datasheet HTML 5Page - Texas Instruments TPS40077_15 Datasheet HTML 6Page - Texas Instruments TPS40077_15 Datasheet HTML 7Page - Texas Instruments TPS40077_15 Datasheet HTML 8Page - Texas Instruments TPS40077_15 Datasheet HTML 9Page - Texas Instruments TPS40077_15 Datasheet HTML 10Page - Texas Instruments TPS40077_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
−50
−25
50
100
125
0
115
150
140
100
25
75
135
125
110
105
120
145
130
TJ − Junction Temperature − °C
VDD
28 V
12 V
4.5 V
TJ – Junction Temperature – °C
−50
−25
50
100
125
0
−40
0
−10
−60
25
75
−20
−30
−50
Average
+3 S
−3 S
VVDD − Input Voltage − V
4
8
16
24
28
12
20
500
490
497
491
493
498
496
494
499
495
492
RRT = 90.1kΩ
−50
−25
50
100
125
0
699
704
697
25
75
702
698
700
703
701
TJ − Junction Temperature − °C
VDD
28 V
4.5 V
12 V
TPS40077
www.ti.com ..................................................................................................................................................... SLUS714D – JANUARY 2007 – REVISED APRIL 2009
TYPICAL CHARACTERISTICS (continued)
CURRENT LIMIT OFFSET VOLTAGE
CURRENT LIMIT SINK CURRENT
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 5.
Figure 6.
FEEDBACK REGULATION VOLTAGE
SWITCHING FREQUENCY
vs
vs
JUNCTION TEMPERATURE
INPUT VOLTAGE
Figure 7.
Figure 8.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :TPS40077


Similar Part No. - TPS40077_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40077PWP TI-TPS40077PWP Datasheet
677Kb / 42P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077PWP TI-TPS40077PWP Datasheet
894Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077PWPG4 TI-TPS40077PWPG4 Datasheet
894Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077PWPR TI-TPS40077PWPR Datasheet
677Kb / 42P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077PWPR TI-TPS40077PWPR Datasheet
894Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
More results

Similar Description - TPS40077_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40071PWPRG4 TI-TPS40071PWPRG4 Datasheet
748Kb / 30P
[Old version datasheet]   HIGH-EFFICIENCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077 Datasheet
677Kb / 42P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_07 Datasheet
894Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI1-TPS40075_14 Datasheet
1Mb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074 Datasheet
529Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI1-TPS40074_16 Datasheet
454Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI-TPS40075 Datasheet
809Kb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074_15 Datasheet
999Kb / 42P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40070 TI-TPS40070 Datasheet
288Kb / 10P
[Old version datasheet]   HIGH-EFFICIANCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40007-DIE TI1-TPS40007-DIE Datasheet
96Kb / 6P
[Old version datasheet]   LOW-INPUT, HIGH EFFICIENCY SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com