Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R375 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # R375
Description  160 nm to 850 nm Response (Multialkali) 51 mm (2 Inch) Diameter, 10-stage, Head-on Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R375 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  R375_15 Datasheet HTML 1Page - Hamamatsu Corporation R375_15 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
160 nm to 850 nm Response (Multialkali)
51 mm (2 Inch) Diameter, 10-stage, Head-on Type
CHARACTERISTICS (at 25
°C)
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2010 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
GENERAL
MAXIMUM RATINGS (Absolute Maximum Values)
PHOTOMULTIPLIER TUBE
R375
Parameter
Min.
Unit
Cathode Sensitivity
Anode Sensitivity
Gain
Anode Dark Current (after 30 min. storage in darkness)
Time Response
Luminous (2856 K)
Radiant at 420 nm
Red/White Ratio (R-68)
Luminous (2856 K)
Radiant at 420 nm
Anode Pulse Rise Time
Electron Transit Time
80
20
150
64
0.2
80
3.4
× 104
5.3
× 105
5
9.0
70
µA/lm
mA/W
A/lm
A/W
nA
ns
ns
20
Typ.
Max.
Parameter
Unit
Spectral Response*
Wavelength of Maximum Response
Photocathode
Window Material
Dynode
Operating Ambient Temperature
Storage Temperature
Base
Suitable Socket
MateriaI
Minimum Effective Area
Structure
Number of Stages
160 to 850
420
Multialkali
46
Synthetic Silica
Box and Grid
10
-30 to +50
-80 to +50
15-pin glass base
E678-15C (supplied)
nm
nm
mm
°C
°C
Description / Value
Parameter
Unit
Supply Voltage
Average Anode Current
Between Anode and Cathode
Between Anode and Last Dynode
1500
250
0.1
V
V
mA
Value
NOTE: Anode characteristics are measured with the voltage distribution ratio shown below.
Supply Voltage: 1000 V dc, K: Cathode, Dy: Dynode, P: Anode
VOLTAGE DISTRIBUTION RATIO AND SUPPLY VOLTAGE
Electrodes
Ratio
K
G
Dy1
1
Dy2
1
Dy3
1
Dy4
Dy5
1
Dy6
1
Dy7
11
Dy8
Dy9
Dy10
P
11
11
1
* Operate in a nitrogen-purged environment for VUV detection.


Similar Part No. - R375_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R375 HAMAMATSU-R375 Datasheet
43Kb / 2P
   PHOTOMULTIPLIER TUBE
More results

Similar Description - R375_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R550 HAMAMATSU-R550_15 Datasheet
51Kb / 2P
   300 nm to 850 nm Response (S-20) 51 mm (2 Inch) Diameter, 10-stage, Head-on Type
R669 HAMAMATSU-R669_15 Datasheet
51Kb / 2P
   51 mm (2 Inch) Diameter, 10-stage, Head-on Type Extended Red Multialkali Photocathode
R649 HAMAMATSU-R649_15 Datasheet
42Kb / 2P
   For Photon Counting, 51 mm (2 Inch) Diameter 12-Stage, Multialkali Photocathode, Head-on Type
R1463 HAMAMATSU-R1463_15 Datasheet
49Kb / 2P
   13 mm (1/2 Inch) Diameter, S-20 Spectral Response Multialkali Photocathode, 10-Stage, Head-on Type
R1464 HAMAMATSU-R1464_15 Datasheet
51Kb / 2P
   19 mm (3/4 Inch) Diameter, S-20 Spectral Response Multialkali Photocathode, 10-Stage, Head-on Type
R329-02 HAMAMATSU-R329-02_15 Datasheet
43Kb / 2P
   For Scintillation Counting, Fast Time Response 51 mm (2 Inch) Diameter, Bialkali Photocathode, 12-stage Head-on Type
R12829 HAMAMATSU-R12829_15 Datasheet
99Kb / 4P
   800 nm High Sensitivity Multialkali Photocathode 28 mm (1-1/8 Inch) Diameter, 9-Stage, Side-On Type
R374 HAMAMATSU-R374_15 Datasheet
26Kb / 2P
   Multialkali Photocathode for UV to Near IR Range 28 mm (1-1/8 Inch) Diameter, 11-stage Head-On Type
R12857 HAMAMATSU-R12857 Datasheet
144Kb / 2P
   13 mm (1/2 inch) diameter, 9-stage, High QE multialkali photocathode
R877 HAMAMATSU-R877_15 Datasheet
51Kb / 2P
   For Scintillation Counting, 127 mm (5 Inch) Diameter Bialkali Photocathode, 10-Stage, Head-on Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com