Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R375 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # R375
Description  160 nm to 850 nm Response (Multialkali) 51 mm (2 Inch) Diameter, 10-stage, Head-on Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R375 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  R375_15 Datasheet HTML 1Page - Hamamatsu Corporation R375_15 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TPMH1246E04
DEC. 2010 IP
Figure 1: Typical Spectral Response
TPMHB0643EA
Figure 2: Typical Gain Characteristics
TPMHB0598EA
Figure 3: Dimensional Outline and Basing Diagram (Unit: mm)
TPMHA0211EA
TACCA0201EA
Socket E678-15C
(Supplied)
200
800
600
400
0.01
0.1
1
10
100
WAVELENGTH (nm)
1000
CATHODE
RADIANT
SENSITIVITY
QUANTUM
EFFICIENCY
500
600
700 800
1000
1200
1400
107
106
105
104
103
102
SUPPLY VOLTAGE (V)
5
6
1
2
3
4
7
8
9
10
11
12
13
14
15
DY4
DY6
K
DY10
IC
DY7
DY5
DY3
DY1
DY8
G
DY2
P
IC DY9
SHORT PIN
FACEPLATE
PHOTO-
CATHODE
51.0
± 1.5
46 MIN.
15 PIN BASE
50
60
5
40
HAMAMATSU PHOTONICS K.K.
HAMAMATSU PHOTONICS K.K., Electron Tube Division
314-5, Shimokanzo, Iwata City, Shizuoka Pref., 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218 E-mail: usa@hamamatsu.com
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658 E-mail: info@hamamatsu.de
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10 E-mail: infos@hamamatsu.fr
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road Welwyn Garden City Hertfordshire AL7 1BW, United Kingdom, Telephone: 44-(0)1707-294888, Fax: 44(0)1707-325777 E-mail: info@hamamatsu.co.uk
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171-41 SOLNA, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01 E-mail: info@hamamatsu.se
Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741 E-mail: info@hamamatsu.it
www.hamamatsu.com
PHOTOMULTIPLIER TUBE R375


Similar Part No. - R375_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R375 HAMAMATSU-R375 Datasheet
43Kb / 2P
   PHOTOMULTIPLIER TUBE
More results

Similar Description - R375_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R550 HAMAMATSU-R550_15 Datasheet
51Kb / 2P
   300 nm to 850 nm Response (S-20) 51 mm (2 Inch) Diameter, 10-stage, Head-on Type
R669 HAMAMATSU-R669_15 Datasheet
51Kb / 2P
   51 mm (2 Inch) Diameter, 10-stage, Head-on Type Extended Red Multialkali Photocathode
R649 HAMAMATSU-R649_15 Datasheet
42Kb / 2P
   For Photon Counting, 51 mm (2 Inch) Diameter 12-Stage, Multialkali Photocathode, Head-on Type
R1463 HAMAMATSU-R1463_15 Datasheet
49Kb / 2P
   13 mm (1/2 Inch) Diameter, S-20 Spectral Response Multialkali Photocathode, 10-Stage, Head-on Type
R1464 HAMAMATSU-R1464_15 Datasheet
51Kb / 2P
   19 mm (3/4 Inch) Diameter, S-20 Spectral Response Multialkali Photocathode, 10-Stage, Head-on Type
R329-02 HAMAMATSU-R329-02_15 Datasheet
43Kb / 2P
   For Scintillation Counting, Fast Time Response 51 mm (2 Inch) Diameter, Bialkali Photocathode, 12-stage Head-on Type
R12829 HAMAMATSU-R12829_15 Datasheet
99Kb / 4P
   800 nm High Sensitivity Multialkali Photocathode 28 mm (1-1/8 Inch) Diameter, 9-Stage, Side-On Type
R374 HAMAMATSU-R374_15 Datasheet
26Kb / 2P
   Multialkali Photocathode for UV to Near IR Range 28 mm (1-1/8 Inch) Diameter, 11-stage Head-On Type
R12857 HAMAMATSU-R12857 Datasheet
144Kb / 2P
   13 mm (1/2 inch) diameter, 9-stage, High QE multialkali photocathode
R877 HAMAMATSU-R877_15 Datasheet
51Kb / 2P
   For Scintillation Counting, 127 mm (5 Inch) Diameter Bialkali Photocathode, 10-Stage, Head-on Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com