Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C12137 Datasheet(PDF) 7 Page - Hamamatsu Corporation

Part # C12137
Description  High accuracy, high sensitivity, compact radiation detection module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C12137 Datasheet(HTML) 7 Page - Hamamatsu Corporation

  C12137_15 Datasheet HTML 1Page - Hamamatsu Corporation C12137_15 Datasheet HTML 2Page - Hamamatsu Corporation C12137_15 Datasheet HTML 3Page - Hamamatsu Corporation C12137_15 Datasheet HTML 4Page - Hamamatsu Corporation C12137_15 Datasheet HTML 5Page - Hamamatsu Corporation C12137_15 Datasheet HTML 6Page - Hamamatsu Corporation C12137_15 Datasheet HTML 7Page - Hamamatsu Corporation C12137_15 Datasheet HTML 8Page - Hamamatsu Corporation C12137_15 Datasheet HTML 9Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Radiation detection modules
C12137 series
KACCA0341EA
C12137-08
C12137-08D
102
36.7
13.6
112
3
(8×) ϕ4 (Teflon bush for isolation)
USB port
Tolerance unless otherwise noted: ±0.1
102
36.7
15.9
112
3
Accessory cable (CN1) connector
CN2 XM3D-0921 (OMRON)
(8×) ϕ4 (Teflon bush for isolation)
CN1 51021-0400 (MOLEX)
(35)
300 ± 10
Tolerance unless otherwise noted: ±0.1
CN2
1
2
3
5
6
4, 7, 8, 9
Signal name
GND (Vcc)
TXD (module
→ PC)
RXD (PC
→ module)
GND (signal)
Vcc
NC
(2×)ϕ3.1
12.4
1
5
6
9
KACCA0342EA


Similar Part No. - C12137_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
C1213 HITACHI-C1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
More results

Similar Description - C12137_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BUXXTH5WNVX ROHM-BUXXTH5WNVX Datasheet
1Mb / 20P
   High accuracy detection
BUXXUC3WG ROHM-BUXXUC3WG Datasheet
1Mb / 26P
   High accuracy detection
logo
Mitsumi Electronics, Co...
MM3723 MITSUMI-MM3723 Datasheet
229Kb / 2P
   High-accuracy overcharge detection
logo
Seiko Instruments Inc
S8211C SII-S8211C Datasheet
655Kb / 43P
   High-accuracy voltage detection circuit
S-82B1AAA-I6T1U SII-S-82B1AAA-I6T1U Datasheet
2Mb / 35P
   High-accuracy voltage detection circuit
logo
Amphenol Wilcoxon Sensi...
728A WILCOXON-728A Datasheet
246Kb / 1P
   High sensitivity, compact accelerometers
Rev.B.1 09/18
logo
Rohm
BD3180FV ROHM-BD3180FV Datasheet
170Kb / 6P
   Super High Accuracy Current Detection Amp
BUXXTD3WG-E ROHM-BUXXTD3WG-E Datasheet
567Kb / 12P
   High accuracy detection, low current consumption
logo
MultiDimension Technolo...
GE-T MULTIDIMENSION-GE-T Datasheet
1Mb / 10P
   High Sensitivity, High Speed, High Accuracy TMR Geartooth Encoders
Version 2.0.2
logo
Rohm
BD4830FVE-TR ROHM-BD4830FVE-TR Datasheet
433Kb / 18P
   High accuracy detection, Ultra-low current consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com