Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS612N1 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BTS612N1
Description  Fast demagnetization of inductive loads
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS612N1 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BTS612N1 Datasheet HTML 2Page - Infineon Technologies AG BTS612N1 Datasheet HTML 3Page - Infineon Technologies AG BTS612N1 Datasheet HTML 4Page - Infineon Technologies AG BTS612N1 Datasheet HTML 5Page - Infineon Technologies AG BTS612N1 Datasheet HTML 6Page - Infineon Technologies AG BTS612N1 Datasheet HTML 7Page - Infineon Technologies AG BTS612N1 Datasheet HTML 8Page - Infineon Technologies AG BTS612N1 Datasheet HTML 9Page - Infineon Technologies AG BTS612N1 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
BTS612N1
Parameter and Conditions, each channel
Symbol
Values
Unit
at Tj = 25 °C, Vbb = 12 V unless otherwise specified
min
typ
max
Data Sheet
6
2013-10-11
Input and Status Feedback
11)
Input resistance
Tj=-40..150°C, see circuit page 7
RI
2.5
3.5
6
k
Input turn-on threshold voltage
Tj =-40..+150°C:
VIN(T+)
1.7
--
3.5
V
Input turn-off threshold voltage
Tj =-40..+150°C:
VIN(T-)
1.5
--
--
V
Input threshold hysteresis
 V
IN(T)
--
0.5
--
V
Off state input current (pin 3 or 6), VIN = 0.4 V,
Tj =-40..+150°C
IIN(off)
1
--
50
A
On state input current (pin 3 or 6), VIN = 3.5 V,
Tj =-40..+150°C
IIN(on)
20
50
90
A
Delay time for status with open load
after Input neg. slope (see diagram page 12)
td(ST OL3)
--
220
--
s
Status output (open drain)
Zener limit voltage Tj =-40...+150°C, IST = +1.6 mA:
ST low voltage
Tj =-40...+25°C, IST = +1.6 mA:
Tj = +150°C, IST = +1.6 mA:
VST(high)
VST(low)
5.4
--
--
6.1
--
--
--
0.4
0.6
V
11
)
If a ground resistor RGND is used, add the voltage drop across this resistor.


Similar Part No. - BTS612N1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS612N1 SIEMENS-BTS612N1 Datasheet
183Kb / 14P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
logo
Infineon Technologies A...
BTS612N1 INFINEON-BTS612N1 Datasheet
308Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS612N1E3230 INFINEON-BTS612N1E3230 Datasheet
308Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
More results

Similar Description - BTS612N1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS409L1 INFINEON-BTS409L1_13 Datasheet
310Kb / 13P
   Fast demagnetization of inductive loads
2013-10-10
BTS621L1 INFINEON-BTS621L1_13 Datasheet
353Kb / 14P
   Fast demagnetization of inductive loads
2013-10-11
BTS410F2 INFINEON-BTS410F2_13 Datasheet
477Kb / 14P
   Fast demagnetization of inductive loads
2013-10-15
BTS426L1 INFINEON-BTS426L1_13 Datasheet
459Kb / 13P
   Fast demagnetization of inductive loads
2013-10-10
BTS611L1 INFINEON-BTS611L1_13 Datasheet
438Kb / 14P
   Fast demagnetization of inductive loads
2013-10-11
BTS410E2 INFINEON-BTS410E2_13 Datasheet
418Kb / 15P
   Fast demagnetization of inductive loads
2013-10-15
logo
Maxim Integrated Produc...
MAX14916EVKIT MAXIM-MAX14916EVKIT Datasheet
3Mb / 13P
   Fast Inductive Load Demagnetization
Rev 0; 9/19
logo
Infineon Technologies A...
ITS42008-SB-D INFINEON-ITS42008-SB-D Datasheet
2Mb / 26P
   Switching all types of resistive, inductive and capacitive loads
Rev 1.01, 2014-05-19
logo
STMicroelectronics
AN4402 STMICROELECTRONICS-AN4402 Datasheet
663Kb / 39P
   Multichannel drivers driving inductive loads
logo
Reed Relays and Electro...
IL-2022-L RRE-IL-2022-L Datasheet
101Kb / 1P
   Reed Switch for Inductive Loads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com