Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DD710N16K Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # DD710N16K
Description  Pressure contact technology for high reliability
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DD710N16K Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button DD710N16K Datasheet HTML 2Page - Infineon Technologies AG DD710N16K Datasheet HTML 3Page - Infineon Technologies AG DD710N16K Datasheet HTML 4Page - Infineon Technologies AG DD710N16K Datasheet HTML 5Page - Infineon Technologies AG DD710N16K Datasheet HTML 6Page - Infineon Technologies AG DD710N16K Datasheet HTML 7Page - Infineon Technologies AG DD710N16K Datasheet HTML 8Page - Infineon Technologies AG DD710N16K Datasheet HTML 9Page - Infineon Technologies AG DD710N16K Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Netz-Dioden-Modul
Rectifier Diode Module
Technische Information /
technical information
DD710N16K
Date of Publication 2014-04-09
Revision 3.2
9/10
Seite/page
100
1000
10000
1
10
100
-di/dt [A/µs]
i
FM = 1000A
50A
100A
200A
500A
Sperrverzögerungsladung / Recovered charge Qr = f(-di/dt)
Tvj = Tvjmax, vR ≤ 0,5 VRRM, vRM = 0,8 VRRM
Parameter: Durchlaßstrom / On-state current iFM
0
5.000
10.000
15.000
20.000
0,01
0,1
1
t [s]
a
T
A = 35
C
b
T
A = 45
C
Grenzstrom je Zweig / Maximum overload on-state current per arm IF(OV)M = f(t), vRM = 0,8 VRRM
a: Leerlauf / No-load conditions
b: Vorlaststrom je Zweig / Pre-load current per arm IFAV(vor) = IFAVM
Ta = 35°C, verstärkte Luftkühlung / Forced air cooling
Kühlkörper / Heatsink type: KM17 (Papst 4650)
Ta = 45°C, natürliche Luftkühlung / Natural air cooling
Kühlkörper / Heatsink type: KM17 (160W)


Similar Part No. - DD710N16K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DD700N22K INFINEON-DD700N22K Datasheet
344Kb / 10P
   Pressure contact technology for high reliability
2014-03-10 Revision 3.1
logo
SanRex Corporation
DD70F SANREX-DD70F Datasheet
96Kb / 2P
   DIODE MODULE
DD70F120 SANREX-DD70F120 Datasheet
96Kb / 2P
   DIODE MODULE
DD70F160 SANREX-DD70F160 Datasheet
96Kb / 2P
   DIODE MODULE
DD70F40 SANREX-DD70F40 Datasheet
96Kb / 2P
   DIODE MODULE
More results

Similar Description - DD710N16K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DD600N INFINEON-DD600N Datasheet
347Kb / 10P
   Pressure contact technology for high reliability
2014-03-10 Revision 3.1
TZ800N INFINEON-TZ800N Datasheet
429Kb / 11P
   Pressure contact technology for high reliability
2014-04-16 Revision: 3.2
TZ860N16KOF INFINEON-TZ860N16KOF Datasheet
428Kb / 11P
   Pressure contact technology for high reliability
2014-04-11 Revision: 3.1
DD435N INFINEON-DD435N Datasheet
653Kb / 11P
   Pressure contact technology for high reliability
2016-09-27 Revision 3.0
TT270N16KOF INFINEON-TT270N16KOF Datasheet
408Kb / 11P
   Pressure contact technology for high reliability
2014-12-18 Revision: 3.2
TT305N16KOF INFINEON-TT305N16KOF Datasheet
458Kb / 11P
   Pressure contact technology for high reliability
2012-11-05 Revision: 3.0
TT500N INFINEON-TT500N Datasheet
414Kb / 11P
   Pressure contact technology for high reliability
2016-11-25 Revision: 3.4
TZ425N INFINEON-TZ425N Datasheet
977Kb / 14P
   Pressure contact technology for high reliability
2018-04-17 Revision 3.3
DD175N INFINEON-DD175N Datasheet
645Kb / 11P
   Pressure contact technology for high reliability
2016-09-27 Revision 3.0
TT260N22KOF INFINEON-TT260N22KOF Datasheet
373Kb / 11P
   Pressure contact technology for high reliability
2013-08-01 Revision: 3.1
TT251N INFINEON-TT251N Datasheet
431Kb / 11P
   Pressure contact technology for high reliability
2014-04-09 Revision: 3.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com