Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C9329 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C9329
Description  Digital output function, current-to-voltage conversion amplifier for amplifying very slight photocurrent with low noise
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C9329 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C9329_15 Datasheet HTML 1Page - Hamamatsu Corporation C9329_15 Datasheet HTML 2Page - Hamamatsu Corporation C9329_15 Datasheet HTML 3Page - Hamamatsu Corporation C9329_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODULE
Photosensor amplifier
Digital output function, current-to-voltage conversion amplifier for amplifying very slight photocurrent with low noise
C9329
C9329 is a current-to-voltage conversion amplifier used to amplify very slight photocurrent from a photodiode with very low noise. Three ranges
of photocurrent detection sensitivity level (H, M, L) are selectable to match the input signal. C9329 operates on the built-in dry batteries so it can
be easily used anywhere. C9329 can be directly connected to a personal computer through the RS-232C interface allowing you to acquire high-
resolution (16-bit) digital output signals and use the data logger function.
Features
Applications
l Three sensitivity ranges
H : 1 × 109 (V/A)
M: 1 × 107 (V/A)
L : 1 × 105 (V/A)
l Selectable operation modes (analog output / digital output)
l Serial connection (RS-232C) with PC
l Data logger function, low battery function
l Operates on either dry battery or AC adapter
l Precision photometry
l Laser monitors
l Optical power meters
l Low signal current preamplifiers
1
s A bsolu te m axim um ratings (Ta=25
°C)
Param eter
S ym bol
Value
Unit
M a xim um supply voltage
V cc M a x.
+14
V
O perating tem perature *
1
Topr
0 to +50
°C
S torage tem perature *
1
Tstg
-10 to +60
°C
*1: N o condensation
s E lectrica l a nd o ptica l characteristics (Ta=25
°C)
Param eter
S ym bol
C ondition
Min.
Typ.
Max.
Unit
H
-
1 × 10
9
-
M
-
1 × 10
7
-
C onversion
im pedance
L
Rf
-1 × 10
5
-
V/A
H
0
-
±5
M
0
-
±500
Input photo
current range
L
Ic
0
-
±50000
nA
HD C
16
-
M
D C
1.6 k
-
F requency
bandwidth (-3 dB )
L
fc
D C
1.6 k
-
Hz
O ffset drift
-
*2
-
-
±0.5
mV /day
Tem perature drift
-
-
-
25
µ V /
°C
M a xim um output
am plitude
V FS
R L=2 k
±5
-
-
V
O utput noise
Vn
F requency bandwidth *
3
-
-
0.5
mV p-p
O utput resistance
Ro
-
100
-
M a xim um input
capacitance
Ct
O vershoot 30 % M ax.
-
-
5000
pF
A nalog
output
(M A NUA L
MO D E )
Maxim um
capacitive load
C L
-
-
1000
pF
Interface
-
R S -232C , 19200 bps, 8-bit, N on-parity,
2-stop bit
-
A /D conversion
voltage range
-
±5
V
Digital
output
(R E M O TE
MO D E )
A /D read cycle
-
-
50
-
m s
C onsum ption current
Is
*
4
-
-
20
mA
B attery lifetim e
-
R L > 10 k
Ω *4
-50
-
hr
*2
:W ithout photodiode. Maxim um output variation per day, m easured at 25 °C after 10-m inute warm -up after power ON.
*3
: Analog output m easured after am plified 10 tim es (through 1.6 kHz low-pass filter).
*4
:W ithout photodiode. W hen using one alkaline dry battery 6LR61 (006P, 9 V) in analog output.


Similar Part No. - C9329_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9329 HAMAMATSU-C9329 Datasheet
270Kb / 3P
   Photosensor amplifier Digital output function, current-to-voltage conversion amplifier for amplifying very slight photocurrent with low noise
More results

Similar Description - C9329_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9329 HAMAMATSU-C9329 Datasheet
270Kb / 3P
   Photosensor amplifier Digital output function, current-to-voltage conversion amplifier for amplifying very slight photocurrent with low noise
C8366 HAMAMATSU-C8366_15 Datasheet
563Kb / 4P
   Current-to-voltage conversion amplifier
logo
STMicroelectronics
TS971 STMICROELECTRONICS-TS971_07 Datasheet
473Kb / 17P
   Output rail-to-rail very low noise operational amplifier
logo
Broadcom Corporation.
ALM-GA001 BOARDCOM-ALM-GA001 Datasheet
827Kb / 18P
   High-Gain, Low Current Low Noise Amplifier with Variable Current and Shutdown Function
logo
AVAGO TECHNOLOGIES LIMI...
MGA-24106 AVAGO-MGA-24106 Datasheet
975Kb / 19P
   High-Gain, Low Current Low Noise Amplifier with Variable Current and Shutdown Function
logo
Broadcom Corporation.
ALM-GA002 BOARDCOM-ALM-GA002 Datasheet
279Kb / 9P
   GPS Low Noise Amplifier Variable Current/Shutdown Function
logo
AVAGO TECHNOLOGIES LIMI...
ALM-GA002 AVAGO-ALM-GA002 Datasheet
279Kb / 9P
   GPS Low Noise Amplifier Variable Current/Shutdown Function
logo
Unisonic Technologies
LD1985 UTC-LD1985_V01 Datasheet
459Kb / 9P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.COMPATIBLE, WITH INHIBIT FUNCTION
logo
Hamamatsu Corporation
C8366 HAMAMATSU-C8366 Datasheet
107Kb / 2P
   Current-to-voltage conversion amplifier for high-speed Si PIN photodiode
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1106 AVAGO-ALM-1106 Datasheet
177Kb / 10P
   GPS Low Noise amplifier with Variable bias current and Shutdown function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com