Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40210-HT Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS40210-HT
Description  5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40210-HT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS40210-HT_15 Datasheet HTML 7Page - Texas Instruments TPS40210-HT_15 Datasheet HTML 8Page - Texas Instruments TPS40210-HT_15 Datasheet HTML 9Page - Texas Instruments TPS40210-HT_15 Datasheet HTML 10Page - Texas Instruments TPS40210-HT_15 Datasheet HTML 11Page - Texas Instruments TPS40210-HT_15 Datasheet HTML 12Page - Texas Instruments TPS40210-HT_15 Datasheet HTML 13Page - Texas Instruments TPS40210-HT_15 Datasheet HTML 14Page - Texas Instruments TPS40210-HT_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
1
6
5
10
2
3
7
4
8
9
FB
RC
COMP
DIS/EN
SS
GND
VDD
ISNS
GDRV
BP
DGQ PowerPAD PACKAGE
(Top View)
HKK PACKAGE
(TOP VIEW)
TPS40210-HT
www.ti.com
SLVSAD8 – JUNE 2010
DEVICE INFORMATION
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
BP
9
O
Regulator output. Connect a 1.0-mF bypass capacitor from this pin to GND.
COMP
4
O
Error amplifier output. Connect control loop compensation network between COMP pin and FB pin.
Disable/enable. Pulling this pin high places the part into a shutdown mode. Shutdown mode is characterized
by a very low quiescent current. While in shutdown mode, the functionality of all blocks is disabled, and the
DIS/EN
3
I
BP regulator is shut down. This pin has an internal 1-M
Ω pulldown resistor to GND. Leaving this pin
unconnected enables the device.
Error amplifier inverting input. Connect a voltage divider from the output to this pin to set the output voltage.
FB
5
I
Compensation network is connected between this pin and COMP.
GDRV
8
O
Connect the gate of the power N-channel MOSFET to this pin.
GND
6
Device ground
Current sense. Connect an external current sensing resistor between this pin and GND. The voltage on this
pin is used to provide current feedback in the control loop and detect an overcurrent condition. An
ISNS
7
I
overcurrent condition is declared when ISNS pin voltage exceeds the overcurrent threshold voltage, 150 mV
typical.
Switching frequency setting. Connect capacitor from RC pin to GND. Connect a resistor from RC pin to VDD
RC
1
I
of the IC power supply and a capacitor from RC to GND.
Soft-start time programming. Connect capacitor from SS pin to GND to program converter soft-start time.
SS
2
I
This pin also functions as a timeout timer when the power supply is in an overcurrent condition.
System input voltage. Connect a local bypass capacitor from this pin to GND. Depending on the amount of
VDD
10
I
required slope compensation, this pin can be connected to the converter output. See Application Information
section for additional details.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS40210-HT


Similar Part No. - TPS40210-HT_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40210-HT TI-TPS40210-HT_1 Datasheet
864Kb / 39P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
More results

Similar Description - TPS40210-HT_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40210-HT TI-TPS40210-HT_1 Datasheet
864Kb / 39P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT Datasheet
850Kb / 37P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210 TI-TPS40210 Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210 TI1-TPS40210_16 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210_0806 TI-TPS40210_0806 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210_0804 TI-TPS40210_0804 Datasheet
1Mb / 45P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210-EP TI1-TPS40210-EP_16 Datasheet
1Mb / 41P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210 TI-TPS40210_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS4021x 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-EP TI-TPS40210-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS40210-EP 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1,022Kb / 41P
[Old version datasheet]   4.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com