Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40211-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40211-Q1
Description  TPS4021x-Q1 4.5-V to 52-V Input, Current-Mode Boost Controllers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40211-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS40211-Q1 Datasheet HTML 2Page - Texas Instruments TPS40211-Q1 Datasheet HTML 3Page - Texas Instruments TPS40211-Q1 Datasheet HTML 4Page - Texas Instruments TPS40211-Q1 Datasheet HTML 5Page - Texas Instruments TPS40211-Q1 Datasheet HTML 6Page - Texas Instruments TPS40211-Q1 Datasheet HTML 7Page - Texas Instruments TPS40211-Q1 Datasheet HTML 8Page - Texas Instruments TPS40211-Q1 Datasheet HTML 9Page - Texas Instruments TPS40211-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
TPS40210-Q1, TPS40211-Q1
SLVS861E – AUGUST 2008 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics (continued)
TJ = –40°C to 125°C, VDD= 12 Vdc, all parameters at zero power dissipation (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT-SENSE AMPLIFIER
ACS
Current sense amplifier gain
4.2
5.6
7.2
V/V
IB(ISNS)
Input bias current
1
3
μA
DRIVER
IGDRV(src)
Gate driver source current
VGDRV = 4 V, TJ = 25°C
375
400
mA
IGDRV(snk)
Gate driver sink current
VGDRV = 4 V, TJ = 25°C
330
400
LINEAR REGULATOR
VBP
Bypass voltage output
0 mA < IBP < 15 mA
7
8
9
V
DISABLE AND ENABLE
VDIS(en)
Turn-on voltage
0.7
1.3
V
VDIS(hys)
Hysteresis voltage
25
130
220
mV
RDIS
DIS pin pulldown resistance
0.7
1.1
1.5
M
6.6 Timing Requirements
MIN
TYP
MAX
UNIT
PWM
VDD = 12 V
(1)
275
400
tON(min)
Minimum pulse duration
VDD = 30 V
90
200
ns
tOFF(min)
Minimum off-time
170
200
OVERCURRENT PROTECTION
tBLNK
Leading edge blanking
75
ns
(1)
Specified by design
6.7 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OSCILLATOR
fOSC
Oscillator frequency range(1)
35
1000
KHz
Oscillator frequency
RRC = 182 kΩ, CRC = 330 pF
260
300
340
(1)
Specified by design
6
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: TPS40210-Q1 TPS40211-Q1


Similar Part No. - TPS40211-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40211-Q1 TI1-TPS40211-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
More results

Similar Description - TPS40211-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40210 TI-TPS40210_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS4021x 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1,022Kb / 41P
[Old version datasheet]   4.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLERS
TPS40210 TI-TPS40210 Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210 TI1-TPS40210_16 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210_0806 TI-TPS40210_0806 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210_0804 TI-TPS40210_0804 Datasheet
1Mb / 45P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210-EP TI1-TPS40210-EP_16 Datasheet
1Mb / 41P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-EP TI-TPS40210-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS40210-EP 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-HT TI-TPS40210-HT_15 Datasheet
731Kb / 40P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT_1 Datasheet
864Kb / 39P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com