Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40305 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40305
Description  TPS4030x 3-V to 20-V Input Synchronous Buck Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40305 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS40305 Datasheet HTML 7Page - Texas Instruments TPS40305 Datasheet HTML 8Page - Texas Instruments TPS40305 Datasheet HTML 9Page - Texas Instruments TPS40305 Datasheet HTML 10Page - Texas Instruments TPS40305 Datasheet HTML 11Page - Texas Instruments TPS40305 Datasheet HTML 12Page - Texas Instruments TPS40305 Datasheet HTML 13Page - Texas Instruments TPS40305 Datasheet HTML 14Page - Texas Instruments TPS40305 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
(
)
( )
P P
OCLOS
OUT max
DS on
OCSET
OCSET
I
I
R
V
2
R
2
I
-
æ
ö
æ
ö
æ
ö
-
´
-
ç
÷
ç
÷
ç
÷
è
ø
ç
÷
è
ø
= ç
÷
´
ç
÷
ç
÷
è
ø
TPS40303, TPS40304, TPS40305
www.ti.com
SLUS964B – NOVEMBER 2009 – REVISED MAY 2015
Feature Description (continued)
7.3.4 Oscillator and Frequency Spread Spectrum (FSS)
The oscillator frequency is internally fixed. The TPS40303 operating frequency is 300 kHz, the TPS40304
operating frequency is 600 kHz, and the TPS40305 operating frequency is 1.2 MHz.
Connecting a resistor with a value of 267 k
Ω ±10% from BP to EN/SS enables the FSS feature. When the FSS is
enabled, it spreads the internal oscillator frequency over a minimum 12% window using a 25-kHz modulation
frequency with triangular profile. By modulating the switching frequency, side-bands are created. The emission
power of the fundamental switching frequency and its harmonics is distributed into smaller pieces scattered
around many sideband frequencies. The effect significantly reduces the peak EMI noise and makes it much
easier for the resultant emission spectrum to pass EMI regulations.
7.3.5 Overcurrent Protection
Programmable OCP level at LDRV is from 6 mV to 150 mV at room temperature with 3000 ppm temperature
coefficient to help compensate for changes in the low-side FET channel resistance as temperature increases.
With a scale factor of 2, the actual trip point across the low-side FET is in the range of 12 mV to 300 mV. The
accuracy of the internal current source is ±5%. Overall offset voltage, including the offset voltage of the internal
comparator and the amplifier for scale factor of 2, is limited to ±8 mV.
Maximum clamp voltage at LDRV is 340 mV to avoid turning on the low-side FET during calibration and in a
prebiased condition. The maximum clamp voltage is fixed and it does not change with temperature. If the voltage
drop across ROCSET reaches the 340-mV maximum clamp voltage during calibration (no ROCSET resistor
included), it disables OC protection. Once disabled, there is no low-side or high-side current sensing.
OCP level at HDRV is fixed at 450 mV with 3000-ppm temperature coefficient to help compensate for changes in
the high-side FET channel resistance as temperature increases. OCP at HDRV provides pulse-by-pulse current
limiting.
OCP sensing at LDRV is a true inductor valley current detection, using sample and hold. Equation 2 can be used
to calculate ROCSET:
where
IOCSET is the internal current source.
VOCLOS is the overall offset voltage.
IP-P is the peak-to-peak inductor current.
RDS(on) is the drain to source ON-resistance of the low-side FET.
IOUT(max) is the trip point for OCP.
ROCSET is the resistor used for setting the OCP level.
(2)
To avoid overcurrent tripping in normal operating load range, calculate ROCSET using the equation above with:
The maximum RDS(ON) at room temperature
The lower limit of VOCLOS (–8 mV) and the lower limit of IOCSET (9.5 µA) from the Electrical Characteristics
table.
The peak-to-peak inductor current IP-P at minimum input voltage
Overcurrent is sensed across both the low-side FET and the high-side FET. If the voltage drop across either FET
exceeds the OC threshold, a count increments one count. If no OC is detected on either FET, the fault counter
decrements by one count. If three OC pulses are summed, a fault condition is declared which cycles the soft-
start function in a hiccup mode. Hiccup mode consists of four dummy soft-start timeouts followed by a real one if
overcurrent condition is encountered during normal operation, or five dummy soft-start timeouts followed by a
real one if overcurrent condition occurs from the beginning during start. This cycle continues indefinitely until the
fault condition is removed.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS40303 TPS40304 TPS40305


Similar Part No. - TPS40305

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40305 TI-TPS40305 Datasheet
1Mb / 29P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40305DRCR TI-TPS40305DRCR Datasheet
1Mb / 29P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40305DRCT TI-TPS40305DRCT Datasheet
1Mb / 29P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40305

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40345 TI1-TPS40345 Datasheet
1Mb / 26P
[Old version datasheet]   3-V to 20-V Input Synchronous Buck Controller
TPS40304A TI-TPS40304A Datasheet
445Kb / 18P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40303 TI-TPS40303 Datasheet
1Mb / 29P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40400 TI-TPS40400_15 Datasheet
2Mb / 82P
[Old version datasheet]   TPS40400 3-V to 20-V PMBus Synchronous Buck Controller
TPS40400 TI1-TPS40400 Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400_1110 TI-TPS40400_1110 Datasheet
1Mb / 72P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com