Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40428RHAR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40428RHAR
Description  TPS40428 Dual Output, 2-Phase, Stackable PMBus??Synchronous Buck Driverless Controller with Adaptive Voltage Scaling (AVS) Bus
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40428RHAR Datasheet(HTML) 1 Page - Texas Instruments

  TPS40428RHAR Datasheet HTML 1Page - Texas Instruments TPS40428RHAR Datasheet HTML 2Page - Texas Instruments TPS40428RHAR Datasheet HTML 3Page - Texas Instruments TPS40428RHAR Datasheet HTML 4Page - Texas Instruments TPS40428RHAR Datasheet HTML 5Page - Texas Instruments TPS40428RHAR Datasheet HTML 6Page - Texas Instruments TPS40428RHAR Datasheet HTML 7Page - Texas Instruments TPS40428RHAR Datasheet HTML 8Page - Texas Instruments TPS40428RHAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
PWM1
ISH1
CS1P
PWM2
ISH2
CS2P
CS1N
FB1
COMP1
PMBDATA
PMBCLK
SMBALERT
ADDR0
ADDR1
GND
VSNS1
GSNS1
DIFFO1
{
Remote SNS to VOUT1
PG1
CNTL1
SYNC
PHSET
{
PMBus Interface
VIN
SW
GND
PWM
VSNS2
GSNS2
PG2
CNTL2
RT
FB2
COMP2
GND
AGND
TSNS1
CS2N
GND
VOUT2
VOUT1
VOUT2
TSNS2
VDD
BP3
TAO
IOUT
REFIN
GND
GND
VIN
BP5
TPS40428
FLT1
GND
FLT2
Smart Power Stage
VIN
PGND
VIN
SW
GND
PWM
IOUT
REFIN
TAO
Smart Power Stage
AVSDATA
AVSCLK
High-Speed AVSBUS
}
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS40428
SLUSBV0A – MAY 2014 – REVISED JULY 2014
TPS40428 Dual Output, 2-Phase, Stackable PMBus™ Synchronous Buck Driverless
Controller with Adaptive Voltage Scaling (AVS) Bus
1 Features
3 Description
The TPS40428 device is a PMBus, synchronous
1
Smart Power Mode in Factory Default (Compatible
buck, driverless controller. It operates in smart power
with TI Smart Power Stage CSD95378B and Pin-
mode with factory default settings, and it can operate
for-Pin Equivalent to TPS40425 – Non-Smart
in non-smart power mode after PMBus programing
Power Mode in Factory Default)
and power reboot. It can be configured for dual-
Single Supply Operation: 4.5 V to 20 V
output or 2-phase operation. It is also stackable up to
4 phases to support load current as high as 120 A.
VOUT from 0.6 V
Interleaved phase shift for 2-. 3-, or 4-phases reduce
Dual or Multi-Phase Synchronous Buck Controller
the input and output ripples therefore reducing input
Individual High-Speed AVS Interface
and output capacitance.
Fast Transient Response
The wide input voltage range can support 5-V and
Stackable up to Four Phases
12-V intermediate supply buses. The 0.5% reference
voltage satisfies the need of precision voltage to the
2-, 3-, or 4-Phase Interleaved Phase Shifts
modern ASICs.
Accurate Current Sharing
Using the PMBus standard, the TPS40428 device
PMBus Interface Capability
can program reference voltage, fault limit, UVLO
Margining Up/Down with 2-mV Step
threshold, soft-start time and turn-on and turn-off
Programmable Fault Limit and Response
delay.
±0.8% VOUT
In addition, the device implements an accurate
Accuracy Current Monitoring
measurement system to monitor the output voltages,
currents and temperatures for individual channels.
±3°C External Temperature Monitoring In
Smart Power Mode
Device Information(1)
Programmable UVLO ON/OFF Thresholds
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Programmable Soft-Start Time, Turn-On
TPS40428
RHA (40)
6.00 mm × 6.00 mm
Delay, and Turn-Off Delay
(1) For all available packages, see the orderable addendum at
On-Chip Non-Volatile Memory (NVM) to Store
the end of the data sheet.
Custom Configurations
0.6-V Reference Voltage with 0.5% Accuracy from
Simplified Application (Dual Output)
–40°C to 125°C
Programmable ƒSW from 200 kHz to 1.5 MHz
Supports Pre-biased Output
Differential Remote Sensing
Synchronization to an Extermal Clock
OC/OV/UV/OT Fault Protection
40-Pin, 6 mm × 6 mm, QFN Package
2 Applications
Wireless Infrastructure
Switcher/Router Networking/Server/Storage
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS40428RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS40422RHA TI1-TPS40422RHA Datasheet
3Mb / 49P
[Old version datasheet]   Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
TPS40422RHAR TI1-TPS40422RHAR Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422RHAR TI1-TPS40422RHAR Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
More results

Similar Description - TPS40428RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40425 TI-TPS40425_15 Datasheet
2Mb / 95P
[Old version datasheet]   TPS40425 Dual Output, 2-Phase, Stackable PMBus??Synchronous Buck Driverless Controller with Adaptive Voltage Scaling (AVS) Bus
logo
Renesas Technology Corp
ISL68134 RENESAS-ISL68134 Datasheet
1Mb / 50P
   Digital Dual Output, 4-Phase Configurable, PWM Controller with Adaptive Voltage Scaling Bus
RAA228227 RENESAS-RAA228227 Datasheet
155Kb / 2P
   Digital Dual Output, 16-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
Oct.6.20
logo
Intersil Corporation
ISL68137 INTERSIL-ISL68137_16 Datasheet
965Kb / 53P
   Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling (AVSBus) Bus
September 27, 2016
logo
Renesas Technology Corp
ISL68137 RENESAS-ISL68137 Datasheet
1Mb / 54P
   Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
logo
Texas Instruments
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
logo
Renesas Technology Corp
RAA228228 RENESAS-RAA228228 Datasheet
219Kb / 5P
   Digital Double Output 20-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
May 17, 2021
RAA228218 RENESAS-RAA228218 Datasheet
191Kb / 2P
   Digital Single Output, 20-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
Jan.13.22
logo
Texas Instruments
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
logo
National Semiconductor ...
LM10520 NSC-LM10520 Datasheet
3Mb / 18P
   20A Adaptive Voltage Scaling (AVS) Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com