Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40428 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40428
Description  TPS40428 Dual Output, 2-Phase, Stackable PMBus??Synchronous Buck Driverless Controller with Adaptive Voltage Scaling (AVS) Bus
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40428 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS40428 Datasheet HTML 4Page - Texas Instruments TPS40428 Datasheet HTML 5Page - Texas Instruments TPS40428 Datasheet HTML 6Page - Texas Instruments TPS40428 Datasheet HTML 7Page - Texas Instruments TPS40428 Datasheet HTML 8Page - Texas Instruments TPS40428 Datasheet HTML 9Page - Texas Instruments TPS40428 Datasheet HTML 10Page - Texas Instruments TPS40428 Datasheet HTML 11Page - Texas Instruments TPS40428 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
TPS40428
SLUSBV0A – MAY 2014 – REVISED JULY 2014
www.ti.com
Electrical Characteristics (continued)
TJ = –40ºC to 125ºC, VIN = VVDD = 12 V, RRT valued to produce a switching frequency (fSW) of 500 kHz, all parameters at zero
power dissipation (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AVS INTERFACE
VVIO
ASIC I/O voltage(10)
1.8
2.5
V
VVIO = 2.5 V
1.75
High-level input voltage, AVSCLK,
VIH(avs)
V
AVSDATA
VVIO = 1.8 V
1.26
VVIO = 2.5 V
0.75
Low-level input voltage, AVSCLK,
VIL(avs)
V
AVSDATA
VVIO = 1.8 V
0.54
High-level input current, AVSCLK,
IIH(avs)
–50
50
µA
AVSDATA(10)
Low-level input current, AVSCLK,
IIL(avs)
–50
50
µA
AVSDATA(10)
fAVS
AVS clock frequency range
10
30
MHz
MEASUREMENT SYSTEM
MVOUT(rng)
VOUT measurement range
0.5
3.6
V
MVOUT(acc)
VOUT measurement accuracy
(11)
VOUT = 1 V, 0°C ≤ TJ ≤ 125°C
–0.8%
0.8%
MIOUT(rng)
IOUT measurement range
(12)
0
50
A
IOUT ≥ 20 A, IOUT_CAL_GAIN = 0.503 mΩ,
MIOUT(acc)
IOUT measurement accuracy
(11)
–640
640
mA
0°C
≤ TJ ≤ 125°C, smart power mode
PMBus INTERFACE(13)
VIH
High-level input voltage, CLK, DATA, CNTL
2.1
V
VIL
Low-level input voltage, CLK, DATA, CNTL
0.8
IIH
High-level input current, CLK, DATA, CNTL
Pin voltage = 3.3 V
–10
10
µA
IIL
Low-level input current, CLK, DATA, CNTL
Pin voltage = 0 V
–10
10
VOL
Low-level output voltage, DATA, SMBALRT
IOUT = 4 mA
0.4
V
High-level output open drain leakage
IOH
VOUT = VBP5
0
10
µA
current, DATA, SMBALRT
Low-level output open drain current, DATA,
IOL
4
mA
SMBALRT
COUT
Pin capacitance, CLK, DATA(10)
1
pF
fPMB
PMBus operating frequency range
Slave mode
10
400
kHz
Bus free time between START and
tBUF
1.3
STOP(10)
tHD:STA
Hold time after repeated START(10)
0.6
µs
tSU:STA
Repeated START set-up time(10)
0.6
tSU:STO
STOP setup time(10)
0.6
Receive mode
0
tHD:DAT
Data hold time(10)
Transmit mode
300
ns
tSU:DAT
Data setup time(10)
100
tTIMEOUT
Error signal/detect(10)
25
35
ms
tLOW:MEXT
Cumulative clock low master extend time(10)
10
ms
tLOW:SEXT
Cumulative clock low slave extend time(10)
25
ms
tLOW
Clock low time(10)
1.3
µs
tHIGH
Clock high time(10)
0.6
µs
tFALL
CLK/DATA fall time(10)
300
ns
tRISE
CLK/DATA rise time(10)
300
tRETENTION
Retention of configuration parameters(10)
TJ = 25°C
100
Year
Write_cycles
Number of nonvolatile erase/write cycles(10)
TJ = 25°C
20
K cycle
(10) Specified by design. Not production tested.
(11) Performance verified under application conditions.
(12) The actual measurement range is limited by IOUT_CAL_GAIN command. See the IOUT_CAL_GAIN (38h) section.
(13) The device supports both 100-kHz and 400-kHz bus speeds. The PMBus timing parameters in this table is for operation at 400 kHz. If
the PMBus operating frequency is 100 kHz, refer to SMBus specification for timing parameters.
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS40428


Similar Part No. - TPS40428

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS40422RHA TI1-TPS40422RHA Datasheet
3Mb / 49P
[Old version datasheet]   Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
TPS40422RHAR TI1-TPS40422RHAR Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422RHAR TI1-TPS40422RHAR Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
More results

Similar Description - TPS40428

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40425 TI-TPS40425_15 Datasheet
2Mb / 95P
[Old version datasheet]   TPS40425 Dual Output, 2-Phase, Stackable PMBus??Synchronous Buck Driverless Controller with Adaptive Voltage Scaling (AVS) Bus
logo
Renesas Technology Corp
ISL68134 RENESAS-ISL68134 Datasheet
1Mb / 50P
   Digital Dual Output, 4-Phase Configurable, PWM Controller with Adaptive Voltage Scaling Bus
RAA228227 RENESAS-RAA228227 Datasheet
155Kb / 2P
   Digital Dual Output, 16-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
Oct.6.20
logo
Intersil Corporation
ISL68137 INTERSIL-ISL68137_16 Datasheet
965Kb / 53P
   Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling (AVSBus) Bus
September 27, 2016
logo
Renesas Technology Corp
ISL68137 RENESAS-ISL68137 Datasheet
1Mb / 54P
   Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
logo
Texas Instruments
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
logo
Renesas Technology Corp
RAA228228 RENESAS-RAA228228 Datasheet
219Kb / 5P
   Digital Double Output 20-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
May 17, 2021
RAA228218 RENESAS-RAA228218 Datasheet
191Kb / 2P
   Digital Single Output, 20-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
Jan.13.22
logo
Texas Instruments
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
logo
National Semiconductor ...
LM10520 NSC-LM10520 Datasheet
3Mb / 18P
   20A Adaptive Voltage Scaling (AVS) Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com