Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD311-U1-02N Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # ESD311-U1-02N
Description  Pb-free (RoHS compliant) and halogen free package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD311-U1-02N Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button ESD311-U1-02N Datasheet HTML 2Page - Infineon Technologies AG ESD311-U1-02N Datasheet HTML 3Page - Infineon Technologies AG ESD311-U1-02N Datasheet HTML 4Page - Infineon Technologies AG ESD311-U1-02N Datasheet HTML 5Page - Infineon Technologies AG ESD311-U1-02N Datasheet HTML 6Page - Infineon Technologies AG ESD311-U1-02N Datasheet HTML 7Page - Infineon Technologies AG ESD311-U1-02N Datasheet HTML 8Page - Infineon Technologies AG ESD311-U1-02N Datasheet HTML 9Page - Infineon Technologies AG ESD311-U1-02N Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ESD311-U1-02N
Typical Characteristics Diagrams
Final Data Sheet
6
Revision 1.0, 2014-05-28
4
Typical Characteristics Diagrams
Typical characteristics diagrams at TA = 25°C, unless otherwise specified
Figure 4-1 Reverse leakage current:
I
R = f(VR)
Figure 4-2 Line capacitance:
C
L = f(VR)
10-12
10-11
10-10
10-9
10-8
10-7
10-6
10-5
10-4
10-3
0
2
4
6
8
10
12
14
16
VR [V]
60
80
100
120
140
160
180
200
220
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
VR [V]


Similar Part No. - ESD311-U1-02N

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
ESD31C104J4T2A18 AVX-ESD31C104J4T2A18 Datasheet
991Kb / 1P
   ESD Withstanding MLC Capacitor
ESD31C104J4T4A18 AVX-ESD31C104J4T4A18 Datasheet
991Kb / 1P
   ESD Withstanding MLC Capacitor
ESD31C104JAT2A18 AVX-ESD31C104JAT2A18 Datasheet
991Kb / 1P
   ESD Withstanding MLC Capacitor
ESD31C104JAT4A18 AVX-ESD31C104JAT4A18 Datasheet
991Kb / 1P
   ESD Withstanding MLC Capacitor
ESD31C104JAZ2A18 AVX-ESD31C104JAZ2A18 Datasheet
991Kb / 1P
   ESD Withstanding MLC Capacitor
More results

Similar Description - ESD311-U1-02N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD221-U1-02EL INFINEON-ESD221-U1-02EL Datasheet
432Kb / 14P
   Pb-free (RoHS compliant) and halogen free package
Revision 1.0, 2014-05-20
ESD205-B1 INFINEON-ESD205-B1 Datasheet
969Kb / 16P
   Pb-free and halogen free package
Revision 1.4, 2014-05-14
ESD113-B1 INFINEON-ESD113-B1 Datasheet
740Kb / 16P
   Pb-free and halogen-free package
Revision 1.2, 2014-05-14
logo
COSMO Electronics Corp...
KT1000 COSMO-KT1000 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
KT1010 COSMO-KT1010 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
KT1600 COSMO-KT1600 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
logo
M/A-COM Technology Solu...
MAFL-011057 MA-COM-MAFL-011057 Datasheet
223Kb / 6P
   RoHS Compliant and Pb free
logo
Abracon Corporation
ALFB-01 ABRACON-ALFB-01 Datasheet
535Kb / 1P
   RoHS compliant and Pb free
10.30.13
logo
COSMO Electronics Corp...
KT1200 COSMO-KT1200 Datasheet
159Kb / 8P
   Pb free and RoHS compliant
KTLP160J COSMO-KTLP160J_13 Datasheet
129Kb / 6P
   Pb free and RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com