Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDW15G120C5B Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IDW15G120C5B
Description  Revolutionary semiconductor material - Silicon Carbide
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDW15G120C5B Datasheet(HTML) 4 Page - Infineon Technologies AG

  IDW15G120C5B Datasheet HTML 1Page - Infineon Technologies AG IDW15G120C5B Datasheet HTML 2Page - Infineon Technologies AG IDW15G120C5B Datasheet HTML 3Page - Infineon Technologies AG IDW15G120C5B Datasheet HTML 4Page - Infineon Technologies AG IDW15G120C5B Datasheet HTML 5Page - Infineon Technologies AG IDW15G120C5B Datasheet HTML 6Page - Infineon Technologies AG IDW15G120C5B Datasheet HTML 7Page - Infineon Technologies AG IDW15G120C5B Datasheet HTML 8Page - Infineon Technologies AG IDW15G120C5B Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Final Data Sheet
4
Rev. 2.0, 2014-06-10
5
th Generation thinQ!™ 1200 V SiC Schottky Diode
IDW15G120C5B
Maximum ratings
Parameter
Symbol
Value (leg/device)
Unit
Repetitive peak reverse voltage
VRRM
1200
V
Continuous forward current for Rth(j-c,max)
TC = 154°C, D=1
TC = 135°C, D=1
TC = 25°C, D=1
IF
7.5 / 15
11 / 23
24 / 49
A
Surge non-repetitive forward current, sine halfwave
TC=25°C, tp=10ms
TC=150°C, tp=10ms
IF,SM
85 / 170
80 / 160
A
Non-repetitive peak forward current
TC = 25°C, tp=10 µs
IF,max
711 / 1422
A
i²t value
TC = 25°C, tp=10 ms
TC = 150°C, tp=10 ms
∫ i²dt
36 / 143
32 / 128
A²s
Diode dv/dt ruggedness
VR=0...960 V
dv/dt
80
V/ns
Power dissipation for Rth(j-c,max)
TC = 25°C
Ptot
100 / 200
W
Operating and storage temperature
Tj;Tstg
-
55…175
°C
Soldering temperature,
wavesoldering only allowed at leads
1.6mm (0.063 in.) from case for 10 s
Tsold
260
°C
Mounting torque
M3 and M4 screws
M
0.7
Nm
Thermal Resistances
Parameter
Symbol Conditions
Value (leg/device)
Unit
min.
typ.
max.
Characteristic
Diode thermal resistance,
junction
– case
Rth(j-c)
-
1.1/0.6
1.5/0.8
K/W
Thermal resistance,
junction
– ambient
Rth(j-a)
leaded
-
-
62
K/W


Similar Part No. - IDW15G120C5B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW15E65D2 INFINEON-IDW15E65D2 Datasheet
1Mb / 10P
   Qualified according to JEDEC for target applications
Rev.2.2,2014-08-26
IDW15S120 INFINEON-IDW15S120 Datasheet
744Kb / 10P
   thinQ!TM SiC Schot tky Diode
Rev. 2.0,2012-03-23
More results

Similar Description - IDW15G120C5B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW10G120C5B INFINEON-IDW10G120C5B Datasheet
815Kb / 10P
   Revolutionary semiconductor material - Silicon Carbide
Rev. 2.0 2014-06-10
IDW30G120C5B INFINEON-IDW30G120C5B Datasheet
593Kb / 10P
   Revolutionary semiconductor material - Silicon Carbide
Rev. 2.0 2014-06-10
IDW40G120C5B INFINEON-IDW40G120C5B Datasheet
593Kb / 10P
   Revolutionary semiconductor material - Silicon Carbide
Rev. 2.0 2014-06-10
IDW20G120C5B INFINEON-IDW20G120C5B Datasheet
593Kb / 10P
   Revolutionary semiconductor material - Silicon Carbide
Rev. 2.0 2014-06-10
logo
Fairchild Semiconductor
TSSOP-56 FAIRCHILD-TSSOP-56 Datasheet
92Kb / 1P
   Fairchild Semiconductor Product Package Material Disclosure
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Rohm
BD5451EFV ROHM-BD5451EFV Datasheet
156Kb / 5P
   Silicon Semiconductor integrated circuits
logo
Infineon Technologies A...
IDL04G65C5 INFINEON-IDL04G65C5_13 Datasheet
727Kb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDK05G65C5 INFINEON-IDK05G65C5_13 Datasheet
1Mb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-07-20
logo
NXP Semiconductors
NXPSC06650 PHILIPS-NXPSC06650_15 Datasheet
159Kb / 9P
   Silicon Carbide Diode
4 May 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com