Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPD12CN10NG Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPD12CN10NG
Description  N-channel, normal level
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD12CN10NG Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPD12CN10NG Datasheet HTML 1Page - Infineon Technologies AG IPD12CN10NG Datasheet HTML 2Page - Infineon Technologies AG IPD12CN10NG Datasheet HTML 3Page - Infineon Technologies AG IPD12CN10NG Datasheet HTML 4Page - Infineon Technologies AG IPD12CN10NG Datasheet HTML 5Page - Infineon Technologies AG IPD12CN10NG Datasheet HTML 6Page - Infineon Technologies AG IPD12CN10NG Datasheet HTML 7Page - Infineon Technologies AG IPD12CN10NG Datasheet HTML 8Page - Infineon Technologies AG IPD12CN10NG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
IPB12CN10N G
IPD12CN10N G
IPI12CN10N G
IPP12CN10N G
OptiMOS2 Power-Transistor
Features
• N-channel, normal level
• Excellent gate charge x R
DS(on) product (FOM)
• Very low on-resistance R
DS(on)
• 175 °C operating temperature
• Pb-free lead plating; RoHS compliant
• Qualified according to JEDEC
1) for target application
• Ideal for high-frequency switching and synchronous rectification
• Halogen-free according to IEC61249-2-21
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T C=25 °C
67
A
T C=100 °C
48
Pulsed drain current
2)
I D,pulse
T C=25 °C
268
Avalanche energy, single pulse
E AS
I D=67 A, R GS=25 W
154
mJ
Reverse diode dv /dt
dv /dt
I D=67 A, V DS=80 V,
di /dt =100 A/µs,
T j,max=175 °C
6
kV/µs
Gate source voltage
3)
V GS
±20
V
Power dissipation
P tot
T C=25 °C
125
W
Operating and storage temperature
T j, T stg
-55 ... 175
°C
IEC climatic category; DIN IEC 68-1
55/175/56
3) T
jmax=150°C and duty cycle D=0.01 for Vgs<-5V
Value
1)J-STD20 and JESD22
2) see figure 3
V
DS
100
V
R
DS(on),max (TO252)
12.4
m
W
I
D
67
A
Product Summary
Type
IPB12CN10N G
IPD12CN10N G
IPI12CN10N G
IPP12CN10N G
Package
PG-TO263-3
PG-TO252-3
PG-TO262-3
PG-TO220-3
Marking
12CN10N
12CN10N
12CN10N
12CN10N
Rev. 1.08
page 1
2013-07-09


Similar Part No. - IPD12CN10NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD12CN10NG INFINEON-IPD12CN10NG Datasheet
627Kb / 12P
   OptiMOS짰2 Power-Transistor
Rev. 1.02 2006-06-02
IPD12CN10NG INFINEON-IPD12CN10NG Datasheet
510Kb / 12P
   OptiMOS?? Power-Transistor Features N-channel, normal level Very low on-resistance R DS
Rev. 1.07 2010-04-27
More results

Similar Description - IPD12CN10NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD78CN10NGBUMA1 INFINEON-IPD78CN10NGBUMA1 Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.091 2013-07-25
IPB020N08N5 INFINEON-IPB020N08N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.0,2014-12-17
IPP052NE7N3G INFINEON-IPP052NE7N3G_15 Datasheet
833Kb / 10P
   N-channel, normal level
2009-11-11 revision:2.01
IPP070N08N3G INFINEON-IPP070N08N3G_15 Datasheet
1,011Kb / 11P
   N-channel, normal level
2010-01-18 revision:2.3
IPP100N08N3G INFINEON-IPP100N08N3G_15 Datasheet
1,016Kb / 11P
   N-channel, normal level
2010-01-21 revision:2.2
IPB79CN10NG INFINEON-IPB79CN10NG Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.091 2013-07-25
IPP023N10N5 INFINEON-IPP023N10N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.1,2014-05-05
IPB017N10N5 INFINEON-IPB017N10N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.2,2015-10-15
IPT012N08N5 INFINEON-IPT012N08N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.1,2015-02-23
IPD068N10N3G INFINEON-IPD068N10N3G_14 Datasheet
507Kb / 9P
   N-channel, normal level
Rev. 2.2 2014-05-19
IPD200N15N3G INFINEON-IPD200N15N3G_15 Datasheet
999Kb / 12P
   N-channel, normal level
Rev. 2.07 2014-01-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com