Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1645CL-TA3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MBR1645CL-TA3-T
Description  SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR1645CL-TA3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  MBR1645CL-TA3-T Datasheet HTML 1Page - Unisonic Technologies MBR1645CL-TA3-T Datasheet HTML 2Page - Unisonic Technologies MBR1645CL-TA3-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR1645C
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R202-052.a
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VRM
45
V
Working Peak Reverse Voltage
VRWM
45
V
Peak Repetitive Reverse Voltage
VRRM
45
V
RMS Reverse Voltage
VR(RMS)
31.5
V
Per Leg
8
A
Average Rectified Output Current
(TC=105°C)
Total
IO
16
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
125
A
Operating Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Thermal resistance junction to case mounted on heatsink.
THERMAL CHARACTERISTICS (PER LEG)
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
60
°С/W
Junction to Case
θJC
2
°С/W
ELECTRICAL CHARACTERISTICS (Per Leg) (TA =25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Breakdown Voltage (Note 1)
V(BR)R
IR=0.5mA
45
V
IF=8A, TJ=25°C
0.70
V
Forward Voltage Drop
VFM
IF=8A, TJ=125°C
0.57
V
VR=45V, TJ=25°C
100
μA
Leakage Current (Note 1)
IRM
VR=45V, TJ=125°C
50
mA
Notes: 1. Short duration pulse test used to minimize self-heating effect.
2. Thermal resistance junction to case mounted on heatsink.


Similar Part No. - MBR1645CL-TA3-T

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1645CT MCC-MBR1645CT Datasheet
919Kb / 2P
   16 Amp Schott ky Barr ier Rectifier 20 to 60 Volts
logo
Kersemi Electronic Co.,...
MBR1645CT KERSEMI-MBR1645CT Datasheet
936Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
logo
Shanghai Lunsure Electr...
MBR1645CT CHENYI-MBR1645CT Datasheet
237Kb / 2P
   16Amp schottky barrier rectifier 20to60 volts
logo
Kersemi Electronic Co.,...
MBR1645CT KERSEMI-MBR1645CT Datasheet
936Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
logo
Pan Jit International I...
MBR1645CT PANJIT-MBR1645CT Datasheet
86Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR1645CL-TA3-T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com