Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR30200C Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MBR30200C
Description  SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR30200C Datasheet(HTML) 1 Page - Unisonic Technologies

  MBR30200C Datasheet HTML 1Page - Unisonic Technologies MBR30200C Datasheet HTML 2Page - Unisonic Technologies MBR30200C Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MBR30200C
Preliminary
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R202-011.c
30A, 200V SCHOTTKY BARRIER
RECTIFIER
DESCRIPTION
The UTC MBR30200C is a 30A schottky barrier rectifier, it uses
UTC’s advanced technology to provide the customers with high surge
capability, high efficiency, high current capability, low power loss and
low forward voltage drop, etc.
The UTC MBR30200C is suitable for free wheeling and polarity
protection, etc.
FEATURES
* Low reverse current
* High current capability
* Low power loss
* High efficiency
* For use in low voltage, high frequency inverters
SYMBOL
TO-220
TO-220F1
1
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
MBR30200CL-TA3-T
MBR30200CG-TA3-T
TO-220
A
K
A
Tube
MBR30200CL-TF1-T
MBR30200CG-TF1-T
TO-220F1
A
K
A
Tube
Note: Pin Assignment: A: Anode
K: Cathode
MBR30200CL-TA3-T
(1)Packing Type
(2)Package Type
(1) T: Tube
(2) TA3: TO-220, TF1: TO-220F1
(3) L: Lead Free, G: Halogen Free and Lead Free
(3)Green Package
MARKING


Similar Part No. - MBR30200C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MBR30200C RECTRON-MBR30200C Datasheet
362Kb / 5P
   SCHOTTKY BARRIER RECTIFIER
logo
SHIKUES Electronics
MBR30200C-T SKTECHNOLGY-MBR30200C-T Datasheet
370Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
MBR30200C-TF SKTECHNOLGY-MBR30200C-TF Datasheet
370Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
logo
Zowie Technology Corpor...
MBR30200CFSH ZOWIE-MBR30200CFSH Datasheet
134Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
MBR30200CG YFWDIODE-MBR30200CG Datasheet
455Kb / 3P
   Surface Mount Schottky Barrier Rectifier
More results

Similar Description - MBR30200C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com