Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

850-015 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 850-015
Description  Socket Contact With Solder Cup
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

850-015 Datasheet(HTML) 2 Page - Glenair, Inc.

  850-015 Datasheet HTML 1Page - Glenair, Inc. 850-015 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D-13
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2011 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
D
850-015
M39029/56 Type
Socket Contact With Solder Cup
TABLE I: CONNECTOR DIMENSIONS
Size
Part Number
A
Ref
Ø B Min
Ø C
Ø D
Ø E
Ø F
Max
Ø G
Ø H
22
850-015-22
.855
.031
.062
.060
.022
.018
.036
.034
.062
.048
.046
.005
.003
20
850-015-20
.855
.0415
.094
.091
.032
.026
.048
.042
.078
.070
.068
.010
.005
16
850-015-16
.855
.064
.130
.127
.042
.036
.080
.070
.113
.103
.101
.010
.005
12
850-015-12
.855
.0955
.182
.179
.042
.036
.120
.112
.161
.151
.148
.016
.005
10
850-015-10
1.021
.1265
.242
.238
.052
.046
.146
.138
.215
.213
.207
.016
.005
TABLE I: (Continued) CONNECTOR DIMENSIONS
Size
Part Number
K
M
Ø P
Min
S
Ø U
V
W
22
850-015-22
.160
.130
50°
44°
.047
.237
.231
.080
.050
20
850-015-20
.230
.200
.078
.072
47°
40°
.053
.237
.231
.105
.075
16
850-015-16
.230
.200
.088
.082
47°
40°
.084
.237
.231
.105
.075
12
850-015-12
.230
.200
.088
.082
47°
40°
.118
.237
.231
.115
.085
10
850-015-10
.385
.355
.115
.108
Full Radius
.146
.405
.395
.183
.177
.121
.111
.140
.110


Similar Part No. - 850-015

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
850-010 GLENAIR-850-010 Datasheet
128Kb / 1P
   PCB Pin Contact for D38999/20 and /24
850-011 GLENAIR-850-011 Datasheet
132Kb / 1P
   PCB Socket Contact for D38999/20 and /24
850-013 GLENAIR-850-013 Datasheet
355Kb / 2P
   Mighty Mouse Connectors
850-016 GLENAIR-850-016 Datasheet
138Kb / 2P
   Pin Contact With Solder Cup
850-017 GLENAIR-850-017 Datasheet
150Kb / 2P
   Pin Contact With Extended Rear Solder Cup
More results

Similar Description - 850-015

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
850-016 GLENAIR-850-016 Datasheet
138Kb / 2P
   Pin Contact With Solder Cup
850-017 GLENAIR-850-017 Datasheet
150Kb / 2P
   Pin Contact With Extended Rear Solder Cup
logo
Mill-Max Mfg. Corp.
329-11-127-41-540000 MILL-MAX-329-11-127-41-540000 Datasheet
127Kb / 3P
   Interconnect Socket Solder Cup Strip Socket
329-11-134-41-540000 MILL-MAX-329-11-134-41-540000 Datasheet
127Kb / 3P
   Interconnect Socket Solder Cup Strip Socket
329-11-147-41-540000 MILL-MAX-329-11-147-41-540000 Datasheet
127Kb / 3P
   Interconnect Socket Solder Cup Strip Socket
329-11-148-41-540000 MILL-MAX-329-11-148-41-540000 Datasheet
127Kb / 3P
   Interconnect Socket Solder Cup Strip Socket
329-11-138-41-540000 MILL-MAX-329-11-138-41-540000 Datasheet
127Kb / 3P
   Interconnect Socket Solder Cup Strip Socket
329-41-130-41-540000 MILL-MAX-329-41-130-41-540000 Datasheet
127Kb / 3P
   Interconnect Socket Solder Cup Strip Socket
329-13-119-41-540000 MILL-MAX-329-13-119-41-540000 Datasheet
127Kb / 3P
   Interconnect Socket Solder Cup Strip Socket
329-41-138-41-540000 MILL-MAX-329-41-138-41-540000 Datasheet
127Kb / 3P
   Interconnect Socket Solder Cup Strip Socket
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com