Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

852-002 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 852-002
Description  Size 12 Coaxial Pin
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

852-002 Datasheet(HTML) 1 Page - Glenair, Inc.

  852-002 Datasheet HTML 1Page - Glenair, Inc. 852-002 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S
B-6
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2011 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
B
M39029/28
852-002
Size 12 Coaxial Pin
Size #12 Coaxial Pin Contacts for MIL-DTL-38999 Series I, II, III and IV Connectors
Type Cable Accommodation
Part Number
Military Part
Number
Color Band
1st
2nd
3rd
Pin
RG174, RG316, RG179
852-002-12-211
M39029/28-211
Red
Brown
Brown
RG180
852-002-12-409
M39029/28-409
Yellow
Black
White
Microdot 250-4070
852-002-12-410
M39029/28-410
Yellow
Brown
Black
Raychem 48-502, 5022E5111
852-002-12-411
M39029/28-411
Yellow
Brown
Brown
Raychem 48-950, 9530D5117
852-002-12-412
M39029/28-412
Yellow
Brown
Red
Raychem 762D1311, 9527A1318
852-002-12-413
M39029/28-413
Yellow
Brown
Orange
Gore GWN1159A, M17/152-00001
852-002-12-414
M39029/28-414
Yellow
Brown
Yellow
1S50MU-16, -20, -40, -70 (D24643/28)
852-002-12-415
M39029/28-415
Yellow
Brown
Green
D38999
Ser. I, II, III, IV
Ø A
Ø D
Ø V
Ø J
Ø F
Ø G
H
L
N
M
P
R
Ø U
Ø K
Ø W
Ø C
.166 Min
Depth
.063
Min
BIN Color Bands
(See Table)
Shield Crimp Sleeve
Inner Socket Contact
Thru One Wall Only
Radial Location
Optional
Mates with
ØT Pin
Ø Z
Ø B
Ø E
After
Crimp
.570 Max
.300
.295
.262
Min
.033
.029
R .003
Max
Outer Contact
Barrel
Outer Contact
Inner Socket
Contact
.015
.010
.020
.013
R
Ø
Shield Crimp
Sleeve
Material and Finish
Contact Body: Copper Alloy/Gold Plated
Center Contact: Copper Alloy/Gold Plated
Crimp Sleeve: Copper Alloy/Gold Plated
Insulator: Teflon
* Indicates point at which a square ended pin of the same basic
diameter as the mating contact first engages the outer contact spring
*
32
These #12 pin contacts accept 50 ohm and 75 ohm coaxial cable. Inner contact is rated at 1
amp, the outer contact 12 amps. DWV rating is 1000 Vac rms sea level, 250 Vac at 50,000 feet.
Contacts are packaged individually and shipped unassembled with instruction sheet. One
contact consists of outer contact , fluorocarbon dielectric, inner contact and shield crimp sleeve.
Inner and outer contacts are gold-plated copper alloy. Approved to SAE AS39029. 5000 megohm
insulation resistance. Mates with: M39029/75.


Similar Part No. - 852-002

ManufacturerPart #DatasheetDescription
logo
NorComp
852-002-113R001 NORCOMP-852-002-113R001 Datasheet
71Kb / 1P
   M5 SERIES
Rev.07
852-002-113R004 NORCOMP-852-002-113R004 Datasheet
71Kb / 1P
   M5 SERIES
Rev.07
852-002-113R00Y NORCOMP-852-002-113R00Y Datasheet
71Kb / 1P
   M5 SERIES
Rev.07
852-002-213R001 NORCOMP-852-002-213R001 Datasheet
74Kb / 1P
   M5 SERIES
Rev.04
852-002-213R004 NORCOMP-852-002-213R004 Datasheet
74Kb / 1P
   M5 SERIES
Rev.04
More results

Similar Description - 852-002

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
852-004 GLENAIR-852-004 Datasheet
236Kb / 2P
   Size 12 Coaxial Pin
852-003 GLENAIR-852-003 Datasheet
237Kb / 2P
   Size 12 Coaxial Socket
852-001 GLENAIR-852-001 Datasheet
238Kb / 2P
   Size 12 Coaxial Socket
852-005 GLENAIR-852-005 Datasheet
236Kb / 2P
   Size 12 Coaxial Socket
852-007 GLENAIR-852-007 Datasheet
227Kb / 1P
   Size 8 Coaxial Pin
852-008 GLENAIR-852-008 Datasheet
226Kb / 2P
   Size 16 Coaxial Pin
830-003 GLENAIR-830-003 Datasheet
114Kb / 1P
   Size #12 Pneumatic Pin Contact
logo
Tyco Electronics
1648203-1 MACOM-1648203-1 Datasheet
185Kb / 2P
   CONNECTOR, PIN SIZE 12, 20, 12 CONFIG. LOWER DRAWER
logo
Amphenol SV Microwave
8001-4102 SVMICROWAVE-8001-4102 Datasheet
72Kb / 1P
   SIZE 12 PIN FOR T-FLEX 405 CABLE
REV.C 03/05
logo
Amphenol Corporation
8001-4102 AMPHENOL-8001-4102 Datasheet
73Kb / 1P
   SIZE 12 PIN FOR T-FLEX 405 CABLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com