Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

859-015 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 859-015
Description  Wire Barrel Reducer Bushing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

859-015 Datasheet(HTML) 2 Page - Glenair, Inc.

  859-015 Datasheet HTML 1Page - Glenair, Inc. 859-015 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D-31
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2011 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
D
859-015
Wire Barrel Reducer Bushing
For Use with Crimp Contacts
Part Number
Ø A
Ø B
Ø C
D Max
859-015Z2-20-26
.066
.046
.024
.204
859-015Z2-20-28
.066
.046
.019
.204
859-015Z2-16-22
.099
.066
.034
.204
859-015Z2-16-24
.099
.066
.029
.204
859-015Z2-16-26
.099
.066
.024
.204
859-015Z2-16-28
.099
.066
.019
.204
859-015Z2-12-16
.146
.098
.067
.204
859-015Z2-12-18
.146
.098
.056
.204
859-015Z2-12-20
.146
.098
.047
.204
859-015Z2-12-22
.146
.098
.034
.204
859-015Z2-10-12
.177 / .173
.134
.100
.350
859-015Z2-10-16
.177 / .173
.134
.067
.350
859-015Z2-10-20
.177 / .173
.134
.047
.350
Contact Size
Standard Wire Accomodation
(AWG) Without Bushing
10
10
12
12-14
16
16-20
20
20-24
22
22-28
ØA
ØB ØC
D
Max
.025
.016
.005
46°
44°
x


Similar Part No. - 859-015

ManufacturerPart #DatasheetDescription
logo
NorComp
859-012-103R001 NORCOMP-859-012-103R001 Datasheet
83Kb / 1P
   M12 MALE - PANEL MOUNT (REAR) - SOLDER CUP - 12 POS
REV.03
859-012-103R004 NORCOMP-859-012-103R004 Datasheet
83Kb / 1P
   M12 MALE - PANEL MOUNT (REAR) - SOLDER CUP - 12 POS
REV.03
859-012-103R00Y NORCOMP-859-012-103R00Y Datasheet
83Kb / 1P
   M12 MALE - PANEL MOUNT (REAR) - SOLDER CUP - 12 POS
REV.03
859-012-10SR001 NORCOMP-859-012-10SR001 Datasheet
83Kb / 1P
   M12 MALE - PANEL MOUNT (REAR) - SOLDER CUP - 12 POS
REV.03
859-012-10SR004 NORCOMP-859-012-10SR004 Datasheet
83Kb / 1P
   M12 MALE - PANEL MOUNT (REAR) - SOLDER CUP - 12 POS
REV.03
More results

Similar Description - 859-015

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-32-2-81 GLENAIR-M85049-32-2-81 Datasheet
61Kb / 1P
   Adapter Reducer
logo
New Japan Radio
NJM2210 NJRC-NJM2210 Datasheet
255Kb / 8P
   VIDEO NOISE REDUCER
logo
Hubbell Incorporated.
BISR350FX HUBBELL-BISR350FX Datasheet
263Kb / 2P
   IN-LINE SPLICER/REDUCER.
logo
New Japan Radio
NJM2224 NJRC-NJM2224 Datasheet
246Kb / 7P
   VIDEO NOISE REDUCER
logo
CUI INC
SJ2-3594X-SMT CUI-SJ2-3594X-SMT Datasheet
493Kb / 4P
   brass bushing
logo
FIBOX Enclosing innovat...
3540534 FIBOX-3540534 Datasheet
52Kb / 1P
   Threaded bushing
31.07.2023
logo
Molex Electronics Ltd.
63890-0995 MOLEX11-63890-0995 Datasheet
33Kb / 1P
   Bushing - Punch
logo
Lapp.
52220110 LAPP-52220110 Datasheet
133Kb / 2P
   Bushing Black
Version: 05
logo
Molex Electronics Ltd.
0638900995 MOLEX-0638900995 Datasheet
15Kb / 1P
   Bushing - Punch
08/25/2022
logo
Harwin Plc
C90-3420-4 HARWIN-C90-3420-4 Datasheet
61Kb / 1P
   RUBBER BUSHING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com