Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

880-009P Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 880-009P
Description  Front Panel Mount Plug
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

880-009P Datasheet(HTML) 1 Page - Glenair, Inc.

  880-009P Datasheet HTML 1Page - Glenair, Inc. 880-009P Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8
© 2015 Glenair, Inc • 1211 Air Way, Glendale, CA 91201 • 818-247-6000 • www.glenair.com • U.S. CAGE code 06324 • Series 88 SuperFly® Catalog
Dimensions in Inches (millimeters) are subject to change without notice.
B
SERIES 880
Quick Disconnect
880-009P Front Panel Mount Plug
with Pigtail Wires
Series 880 Quick-Disconnect (QDC) front panel mount plugs are pre-wired and
sealed with epoxy. Supplied with jam nut and o-ring. Three contact sizes are
available with current ratings of 5A, 3A and 1A. Aluminum or stainless steel
housings and thermoplastic insulators. High-strength wire with crosslinked ETFE
insulation crimped at factory to high performance contacts. Ultraminiature SuperFly®
connectors are ideal for soldier systems and other applications where reduced size
and weight are critical.
How To Order
Sample Part Number
880-009P
A
-B7N
-M
004
J
1
-24
Series
880-009P
Insert Style
A = Unshrouded Contacts
B = Shrouded Contacts
Shrouded contacts are recessed
within the insulator
Shell Size/
Insert Arr.1
See Shell Size and Insert
Arrangement Table
Material/
Finish2
M = Aluminum/electroless nickel RoHS compliant
ZR = Aluminum/zinc-nickel, non-reflective with
RoHS compliant black chromate
MT = Aluminum/nickel-PTFE RoHS compliant
ZMT = Stainless steel/nickel-PTFE RoHS compliant
Wire AWG
See Wire Code Table
Wire Type
J = “Space Grade” wire M22759/33 or equivalent (ETFE)
Wire Color
1 = White
5 = Full Color; 1-10 solid color, 11 and up are striped
7 = 10 Color Repeating; Wire #1 black, Wire #11 black, etc
Wire Length
Overall length (‘L’) in inches measured from front of connector
MOD-686 POLARIZING OPTIONS
Plug Alternate Key Positions
Suffix Code
686A
150°
210°
686B
75°
210°
686C
95°
230°
686D
140°
275°
686E
75°
275°
686F
95°
210°
MOD-518 OPEN FACE SEALING
For IP67 performance in open face (unmated) condition, use suffix -518.
Example: 880-009PA-B7N-M004J1-24-518
Standard SuperFly® connectors have a single master key. Versions with three keys
are also available if alternate key positions are required. Add suffix code 686 to the
part number per the following example: 880-009PA-B7N-M004J1-24-686A
Master
Key
NOTES
1. See Section A for insert
arrangement layouts
2. See Section A for additional finish
options
Shell Size and Insert Arrangements
Insert
Arrangements
No. of Contacts
#23
5A.
Micro
3A.
Nano
1A.
B7N
7
C10N
10
C2M2N
2
2
D3M
3
D2W2N
2
2
E3W
3
E4M
4
E19N
19
E4M4N
4
4
F4W
4
F7M
7
F22N
22
F4M8N
4
8
F4W4N
4
4
G7W
7
G10M
10
G31N
31
G6M10N
6
10
G6M12N
6
12
H10W
10
H37N
37
H6W14N
6
14
J44N
44
J7W19N
7
19
K19M
19
K13M19N
13
19
L22M
22
First letter of insert arrangement represents
connector shell size, as in this example: K13M19N


Similar Part No. - 880-009P

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
880-001P GLENAIR-880-001P Datasheet
410Kb / 2P
   Cable Plug with Pigtail Wires
880-002R GLENAIR-880-002R Datasheet
402Kb / 2P
   Cable Receptacle with Pigtail
880-003R GLENAIR-880-003R Datasheet
453Kb / 2P
   Front Panel Mount Receptacle
880-004R GLENAIR-880-004R Datasheet
597Kb / 2P
   Rear Panel Mount Receptacle
More results

Similar Description - 880-009P

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
880-003R GLENAIR-880-003R Datasheet
453Kb / 2P
   Front Panel Mount Receptacle
FRITS4102AFS GLENAIR-FRITS4102AFS Datasheet
718Kb / 2P
   Front Panel Mount Square Flange Receptacle
IPT00J18-11SZC GLENAIR-IPT00J18-11SZC Datasheet
225Kb / 2P
   Front Panel Mount Square Flange Receptacle
ITS3100RSFK GLENAIR-ITS3100RSFK Datasheet
721Kb / 2P
   Front Panel Mount Square Flange Receptacle
ITS3102YFK GLENAIR-ITS3102YFK Datasheet
317Kb / 2P
   Front Panel Mount Square Flange Receptacle
FRITS4100RG GLENAIR-FRITS4100RG Datasheet
402Kb / 2P
   Front Panel Mount Square Flange Receptacle
IPT00MSE18-11SZC GLENAIR-IPT00MSE18-11SZC Datasheet
219Kb / 2P
   Front Panel Mount Square Flange Receptacle
ITS-3100-RS GLENAIR-ITS-3100-RS Datasheet
160Kb / 2P
   Front Panel Mount Square Flange Receptacle
ITS3102AFK GLENAIR-ITS3102AFK Datasheet
320Kb / 2P
   Front Panel Mount Square Flange Receptacle
ITS-3102-Y GLENAIR-ITS-3102-Y Datasheet
230Kb / 2P
   Front Panel Mount Square Flange Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com