Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPI60R099CP Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPI60R099CP
Description  High peak current capability
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPI60R099CP Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IPI60R099CP Datasheet HTML 2Page - Infineon Technologies AG IPI60R099CP Datasheet HTML 3Page - Infineon Technologies AG IPI60R099CP Datasheet HTML 4Page - Infineon Technologies AG IPI60R099CP Datasheet HTML 5Page - Infineon Technologies AG IPI60R099CP Datasheet HTML 6Page - Infineon Technologies AG IPI60R099CP Datasheet HTML 7Page - Infineon Technologies AG IPI60R099CP Datasheet HTML 8Page - Infineon Technologies AG IPI60R099CP Datasheet HTML 9Page - Infineon Technologies AG IPI60R099CP Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IPI60R099CP
13 Typ. capacitances
14 Typ. Coss stored energy
C =f(V DS); V GS=0 V; f =1 MHz
E oss= f(V DS)
0
4
8
12
16
20
0
100
200
300
400
500
600
V DS [V]
Ciss
Coss
Crss
10
5
10
4
10
3
10
2
10
1
10
0
0
100
200
300
400
500
V DS [V]
Rev. 2.
1
page 7
2
014­05­28


Similar Part No. - IPI60R099CP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPI60R099CP INFINEON-IPI60R099CP Datasheet
311Kb / 10P
   CoolMOSTM Power Transistor
Rev. 1.0 2007-01-25
IPI60R099CP INFINEON-IPI60R099CP Datasheet
290Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2008-02-19
logo
Inchange Semiconductor ...
IPI60R099CP ISC-IPI60R099CP Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPI60R099CPA INFINEON-IPI60R099CPA Datasheet
434Kb / 11P
   CoolMOS Power Transistor
Rev. 2.1
IPI60R099CP INFINEON-IPI60R099CP_08 Datasheet
290Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2008-02-19
More results

Similar Description - IPI60R099CP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA80R460CE INFINEON-IPA80R460CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
logo
Advanced Power Electron...
AP28G40GEM-HF A-POWER-AP28G40GEM-HF_16 Datasheet
69Kb / 4P
   High Peak Current Capability
logo
Infineon Technologies A...
IPA80R1K4CE INFINEON-IPA80R1K4CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
logo
Advanced Power Electron...
AP28G40GEH A-POWER-AP28G40GEH Datasheet
140Kb / 5P
   High Peak Current Capability
logo
Infineon Technologies A...
IPA80R310CE INFINEON-IPA80R310CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
logo
Vishay Siliconix
SIHG20N50C VISHAY-SIHG20N50C Datasheet
189Kb / 8P
   High Peak Current Capability
Rev. C, 14-Mar-11
logo
Advanced Power Electron...
AP28G40GEM-HF A-POWER-AP28G40GEM-HF_14 Datasheet
52Kb / 3P
   High Peak Current Capability
logo
Infineon Technologies A...
IPA80R1K0CE INFINEON-IPA80R1K0CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
IPA80R650CE INFINEON-IPA80R650CE Datasheet
1Mb / 15P
   High peak current capability
Rev.2.1,2015-06-23
logo
TE Connectivity Ltd
250 TEC-250 Datasheet
299Kb / 3P
   High peak current carrying capability up to 6000A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com