Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTVA104501EH Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # PTVA104501EH
Description  Thermally-Enhanced High Power RF LDMOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTVA104501EH Datasheet(HTML) 3 Page - Infineon Technologies AG

  PTVA104501EH Datasheet HTML 1Page - Infineon Technologies AG PTVA104501EH Datasheet HTML 2Page - Infineon Technologies AG PTVA104501EH Datasheet HTML 3Page - Infineon Technologies AG PTVA104501EH Datasheet HTML 4Page - Infineon Technologies AG PTVA104501EH Datasheet HTML 5Page - Infineon Technologies AG PTVA104501EH Datasheet HTML 6Page - Infineon Technologies AG PTVA104501EH Datasheet HTML 7Page - Infineon Technologies AG PTVA104501EH Datasheet HTML 8Page - Infineon Technologies AG PTVA104501EH Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Data Sheet
3 of 9
Rev. 02, 2014-07-22
PTVA104501EH
Typical RF Performance (data taken in production test fixture)
15
25
35
45
55
65
15
25
35
45
55
65
28
30
32
34
36
38
40
42
44
PIN (dBm)
Power Sweep, Pulsed RF
VDD = 50 V, IDQ = 200 mA, TCASE = 25°C,
128 μs pulse width, 10% duty cycle
960 MHz
1030 Mhz
1090 MHz
1150 MHz
1215 MHz
Output power
Efficiency
a104501eh_g1
12
14
16
18
20
22
28
30
32
34
36
38
40
42
44
PIN (dBm)
Power Sweep, Pulsed RF
VDD = 50 V, IDQ = 200 mA, TCASE = 25°C,
128 μs pulse width, 10% duty cycle
960 MHz
1030 MHz
1090 MHz
1150 MHz
1215 MHz
Gain
a104501eh_g2
50
55
60
65
70
16
17
18
19
20
900
1000
1100
1200
1300
Frequency (MHz)
Pulsed RF Performance
VDD = 50V, IDQ = 200mA, POUT= 450W (peak),
128 μs pulse width, 10% duty cycle
a104501eh_g3
Gain
Efficiency
0.0
0.1
0.2
0.3
-25
-20
-15
-10
-5
900
1000
1100
1200
1300
Frequency (MHz)
Pulsed RF Performance
VDD = 50V, IDQ = 200mA, POUT= 450W (peak),
128 μs pulse width, 10% duty cycle
Power Droop
IRL
a104501eh_g4


Similar Part No. - PTVA104501EH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA104501EH INFINEON-PTVA104501EH Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 ??1215 MHz
Rev. 02.1, 2016-04-19
logo
Cree, Inc
PTVA104501EH CREE-PTVA104501EH Datasheet
430Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 ??1215 MHz
logo
WOLFSPEED, INC.
PTVA104501EH WOLFSPEED-PTVA104501EH Datasheet
540Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 – 1215 MHz
Rev. 04, 2023-07-10
PTVA104501EH-V1-R0 WOLFSPEED-PTVA104501EH-V1-R0 Datasheet
540Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 – 1215 MHz
Rev. 04, 2023-07-10
PTVA104501EH-V1-R250 WOLFSPEED-PTVA104501EH-V1-R250 Datasheet
540Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 – 1215 MHz
Rev. 04, 2023-07-10
More results

Similar Description - PTVA104501EH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB181702FC INFINEON-PTFB181702FC Datasheet
1,009Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-10
PTAB182002FC INFINEON-PTAB182002FC Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
PTFA211801E INFINEON-PTFA211801E_15 Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
PXFC212551SC INFINEON-PXFC212551SC_15 Datasheet
895Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-04-13
PTAC260302FC INFINEON-PTAC260302FC Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04, 2016-06-21
PXFC192207NF INFINEON-PXFC192207NF Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2014-11-18
PXFC191507FC INFINEON-PXFC191507FC Datasheet
818Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-08-26
PTVA127002EV INFINEON-PTVA127002EV_15 Datasheet
1Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-06-18
PXAC180602MD INFINEON-PXAC180602MD_15 Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2015-06-18
PTFB093608SV INFINEON-PTFB093608SV_15 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 05, 2015-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com