Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXAC260602FC Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # PXAC260602FC
Description  Thermally-Enhanced High Power RF LDMOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PXAC260602FC Datasheet(HTML) 7 Page - Infineon Technologies AG

  PXAC260602FC Datasheet HTML 1Page - Infineon Technologies AG PXAC260602FC Datasheet HTML 2Page - Infineon Technologies AG PXAC260602FC Datasheet HTML 3Page - Infineon Technologies AG PXAC260602FC Datasheet HTML 4Page - Infineon Technologies AG PXAC260602FC Datasheet HTML 5Page - Infineon Technologies AG PXAC260602FC Datasheet HTML 6Page - Infineon Technologies AG PXAC260602FC Datasheet HTML 7Page - Infineon Technologies AG PXAC260602FC Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PXAC260602FC
Data Sheet
7 of 8
Rev. 02.2, 2014-05-14
Package Outline Specifications
Package H-37248-4
Find the latest and most complete information about products and packaging at the Infineon Internet page
http://www.infineon.com/rfpower
Diagram Notes—unless otherwise specified:
1. Interpret dimensions and tolerances per ASME Y14.5M-1994.
2. Primary dimensions are mm. Alternate dimensions are inches.
3. All tolerances ± 0.127 [.005] unless specified otherwise.
4. Pins: D1, D2 – drains; G1, G2 – gates; S – source.
5. Lead thickness: 0.10 + 0.076/–0.025 mm [0.004+0.003/–0.001 inch].
6. Gold plating thickness: 1.14 ± 0.38 micron [45 ± 15 microinch].


Similar Part No. - PXAC260602FC

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PXAC260602FC CREE-PXAC260602FC Datasheet
633Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 60 W, P3dB 28 V, 2620 ??2690 MHz
logo
Infineon Technologies A...
PXAC260602FCV1R0 INFINEON-PXAC260602FCV1R0 Datasheet
551Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 60 W, P3dB @ 28 V, 2620 ??2690 MHz
Rev. 02.4, 2016-06-22
PXAC260602FCV1R0XTMA1 INFINEON-PXAC260602FCV1R0XTMA1 Datasheet
551Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 60 W, P3dB @ 28 V, 2620 ??2690 MHz
Rev. 02.4, 2016-06-22
PXAC260602FCV1R250 INFINEON-PXAC260602FCV1R250 Datasheet
551Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 60 W, P3dB @ 28 V, 2620 ??2690 MHz
Rev. 02.4, 2016-06-22
PXAC260602FCV1R250XTMA1 INFINEON-PXAC260602FCV1R250XTMA1 Datasheet
551Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 60 W, P3dB @ 28 V, 2620 ??2690 MHz
Rev. 02.4, 2016-06-22
More results

Similar Description - PXAC260602FC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB181702FC INFINEON-PTFB181702FC Datasheet
1,009Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-10
PTAB182002FC INFINEON-PTAB182002FC Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
PTVA104501EH INFINEON-PTVA104501EH Datasheet
189Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-07-22
PTFA211801E INFINEON-PTFA211801E_15 Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
PXFC212551SC INFINEON-PXFC212551SC_15 Datasheet
895Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-04-13
PTAC260302FC INFINEON-PTAC260302FC Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04, 2016-06-21
PXFC192207NF INFINEON-PXFC192207NF Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2014-11-18
PXFC191507FC INFINEON-PXFC191507FC Datasheet
818Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-08-26
PTVA127002EV INFINEON-PTVA127002EV_15 Datasheet
1Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-06-18
PXAC180602MD INFINEON-PXAC180602MD_15 Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2015-06-18
PTFB093608SV INFINEON-PTFB093608SV_15 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 05, 2015-01-22
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com