Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRCGB27M000F3N00R0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # XRCGB27M000F3N00R0
Description  the series complies to rohs directive
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

XRCGB27M000F3N00R0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  XRCGB27M000F3N00R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. XRCGB27M000F3N00R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. XRCGB27M000F3N00R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
XRCGB27M000F3N00R0
Specifications
Shape
SMD
Frequency
27.0000MHz
Frequency Tolerance
±30ppmmax.
(25±3
)
Operating Temperature Range
-
20
to
85
Frequency Shift by Temperature
±30ppmmax.
Frequency Aging
±5ppmmax./year
Wash
Not avairable
Load Capacitance
6pF
Equivalent Series Resistance(Max.)
150Ω
Drive Level(Max.)
300μW
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2015/11/13


Similar Part No. - XRCGB27M000F3N00R0

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
XRCGB27M000F3N00R0 MURATA-PS-XRCGB27M000F3N00R0 Datasheet
526Kb / 4P
   Small package (2.0x1.6mm)
logo
Murata Manufacturing Co...
XRCGB27M000F3N00R0 MURATA1-XRCGB27M000F3N00R0 Datasheet
295Kb / 15P
   Specification of Crystal Unit
December 8, 2017
XRCGB27M000F3N00R0 MURATA1-XRCGB27M000F3N00R0_V01 Datasheet
295Kb / 15P
   Specification of Crystal Unit
December 8, 2017
More results

Similar Description - XRCGB27M000F3N00R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
XRCPB25M000FAN00R0 MURATA-XRCPB25M000FAN00R0 Datasheet
186Kb / 3P
   the series complies to rohs directive
XRCGB24M000F0L00R0 MURATA-XRCGB24M000F0L00R0 Datasheet
183Kb / 3P
   the series complies to rohs directive
XRCGB24M000F3N00R0 MURATA-XRCGB24M000F3N00R0 Datasheet
182Kb / 3P
   the series complies to rohs directive
XRCGB24M576F0L00R0 MURATA-XRCGB24M576F0L00R0 Datasheet
185Kb / 3P
   the series complies to rohs directive
XRCGB24M576F3G00R0 MURATA-XRCGB24M576F3G00R0 Datasheet
184Kb / 3P
   the series complies to rohs directive
XRCGB24M576F3N00R0 MURATA-XRCGB24M576F3N00R0 Datasheet
183Kb / 3P
   the series complies to rohs directive
XRCGB48M000F0Z00R0 MURATA-XRCGB48M000F0Z00R0 Datasheet
182Kb / 3P
   the series complies to rohs directive
XRCGB48M000F4M12R0 MURATA-XRCGB48M000F4M12R0 Datasheet
183Kb / 3P
   the series complies to rohs directive
XRCGB31M250F3M00R0 MURATA-XRCGB31M250F3M00R0 Datasheet
185Kb / 3P
   the series complies to rohs directive
XRCGB31M250F3N00R0 MURATA-XRCGB31M250F3N00R0 Datasheet
184Kb / 3P
   the series complies to rohs directive
XRCPB27M120FAN00R0 MURATA-XRCPB27M120FAN00R0 Datasheet
186Kb / 3P
   the series complies to rohs directive
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com