Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4630DY Datasheet(PDF) 4 Page - Vishay Telefunken

Part # SI4630DY
Description  N-Channel 25-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4630DY Datasheet(HTML) 4 Page - Vishay Telefunken

  SI4630DY Datasheet HTML 1Page - Vishay Telefunken SI4630DY Datasheet HTML 2Page - Vishay Telefunken SI4630DY Datasheet HTML 3Page - Vishay Telefunken SI4630DY Datasheet HTML 4Page - Vishay Telefunken SI4630DY Datasheet HTML 5Page - Vishay Telefunken SI4630DY Datasheet HTML 6Page - Vishay Telefunken SI4630DY Datasheet HTML 7Page - Vishay Telefunken SI4630DY Datasheet HTML 8Page - Vishay Telefunken SI4630DY Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 73685
S09-0138-Rev. C, 02-Feb-09
Vishay Siliconix
Si4630DY
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
1.0
1.2
0.001
0.00
0.2
0.4
0.6
0.8
VSD - Source-to-Drain Voltage (V)
0.100
0.010
1.000
10.000
100.000
25 °C
150 °C
- 1.0
- 0.7
- 0.4
- 0.1
0.2
0.5
- 50
- 25
0
25
50
75
100
125
150
TJ - Temperature (°C)
ID = 250 µA
ID = 5 mA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
01
23
45
6
7
8
910
VGS - Gate-to-Source Voltage (V)
0.010
0.008
0.006
0.004
0.002
0.000
125 °C
25 °C
0
120
200
40
80
Time (s)
160
1
10
0.1
0.01
0.001
Safe Operating Area, Junction-to-Ambient
100
1
0.1
1
10
100
0.01
10
0.1
1 ms
TA = 25 °C
Single Pulse
10 ms
100 ms
DC
VDS - Drain-to-Source Voltage (V)
* VGS
minimum VGS at which RDS(on) is specified
1 s
10 s
Limited by RDS(on)*


Similar Part No. - SI4630DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4630DY VISHAY-SI4630DY Datasheet
239Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI4630DY VISHAY-SI4630DY Datasheet
174Kb / 9P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI4630DY VISHAY-SI4630DY Datasheet
173Kb / 9P
   N-Channel 25-V (D-S) MOSFET
01-Jan-2022
SI4630DY-T1-E3 VISHAY-SI4630DY-T1-E3 Datasheet
239Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI4630DY-T1-GE3 VISHAY-SI4630DY-T1-GE3 Datasheet
239Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
More results

Similar Description - SI4630DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4668DY VISHAY-SI4668DY Datasheet
103Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 09-Mar-09
SI7194DP VISHAY-SI7194DP Datasheet
316Kb / 13P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 31-Mar-08
SUD50N025-06P VISHAY-SUD50N025-06P Datasheet
108Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 09-May-05
SI4630DY VISHAY-SI4630DY Datasheet
239Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI4778DY VISHAY-SI4778DY Datasheet
244Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 09-Mar-09
SIR808DP VISHAY-SIR808DP Datasheet
480Kb / 13P
   N-Channel 25 V (D-S) MOSFET
Rev. A, 04-Apr-11
SIR850DP VISHAY-SIR850DP Datasheet
109Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI1304DL VISHAY-SI1304DL Datasheet
88Kb / 5P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 04-Oct-04
SI4630DY VISHAY-SI4630DY_17 Datasheet
174Kb / 9P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
SIDR140DP VISHAY-SIDR140DP Datasheet
194Kb / 8P
   N-Channel 25 V (D-S) MOSFET
Rev. A, 27-Nov-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com