Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIS612EDNT Datasheet(PDF) 1 Page - Vishay Telefunken

Part # SIS612EDNT
Description  N-Channel 20 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIS612EDNT Datasheet(HTML) 1 Page - Vishay Telefunken

  SIS612EDNT Datasheet HTML 1Page - Vishay Telefunken SIS612EDNT Datasheet HTML 2Page - Vishay Telefunken SIS612EDNT Datasheet HTML 3Page - Vishay Telefunken SIS612EDNT Datasheet HTML 4Page - Vishay Telefunken SIS612EDNT Datasheet HTML 5Page - Vishay Telefunken SIS612EDNT Datasheet HTML 6Page - Vishay Telefunken SIS612EDNT Datasheet HTML 7Page - Vishay Telefunken SIS612EDNT Datasheet HTML 8Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SiS612EDNT
www.vishay.com
Vishay Siliconix
S13-1675-Rev. A, 29-Jul-13
1
Document Number: 62874
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-Channel 20 V (D-S) MOSFET
FEATURES
• TrenchFET® Power MOSFET
• 100 % Rg and UIS Tested
• Low Thermal Resistance PowerPAK Package
with Small Size and 0.75 mm Profile
• Typical ESD performance 3400 V
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Battery Switch / Load Switch
• Power Management for Tablet PCs
and Mobile Computing
Notes
a. Surface mounted on 1" x 1" FR4 board.
b. t = 10 s.
c. See solder profile (www.vishay.com/doc?73257). The PowerPAK 1212-8 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed
and is not required to ensure adequate bottom side solder interconnection.
d. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
e. Maximum under steady state conditions is 81 °C/W.
f. Based on TC = 25 °C.
g. Package limited.
PRODUCT SUMMARY
VDS (V)
RDS(on) () Max.
ID (A)f, g
Qg (Typ.)
20
0.0039 at VGS = 4.5 V
50
22.5 nC
0.0042 at VGS = 3.7 V
50
0.0058 at VGS = 2.5 V
50
Ordering Information:
SiS612EDNT-T1-GE3 (Lead (Pb)-free and Halogen-free)
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
3.30 mm
3.30 mm
Thin PowerPAK® 1212-8
Bottom View
0.75 mm
N-Channel MOSFET
S
D
G
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
50g
A
TC = 70 °C
50g
TA = 25 °C
24.6a, b
TA = 70 °C
19.7a, b
Pulsed Drain Current (t = 100 μs)
IDM
200
Continuous Source-Drain Diode Current
TC = 25 °C
IS
43.3
TA = 25 °C
3.1a, b
Single Pulse Avalanche Current
L = 0.1 mH
IAS
20
Single Pulse Avalanche Energy
EAS
20
mJ
Maximum Power Dissipation
TC = 25 °C
PD
52
W
TC = 70 °C
33
TA = 25 °C
3.7a, b
TA = 70 °C
2.4a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)c, d
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, e
t
 10 s
RthJA
24
33
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
1.9
2.4


Similar Part No. - SIS612EDNT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIS612EDNT VISHAY-SIS612EDNT Datasheet
161Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 29-Jul-13
More results

Similar Description - SIS612EDNT

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com