Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIGC84T120R3E Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SIGC84T120R3E
Description  positive temperature coefficient
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SIGC84T120R3E Datasheet(HTML) 1 Page - Infineon Technologies AG

  SIGC84T120R3E Datasheet HTML 1Page - Infineon Technologies AG SIGC84T120R3E Datasheet HTML 2Page - Infineon Technologies AG SIGC84T120R3E Datasheet HTML 3Page - Infineon Technologies AG SIGC84T120R3E Datasheet HTML 4Page - Infineon Technologies AG SIGC84T120R3E Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SIGC84T120R3E
Edited by INFINEON Technologies, IFAG IPC TD VLS, L7677M, L7677T, L7677E, Rev 2.3, 02.07.2014
IGBT3 Power Chip
Features:
1200V Trench & Field Stop technology
low turn-off losses
short tail current
positive temperature coefficient
easy paralleling
This chip is used for:
power modules
G
C
E
Applications:
drives
Chip Type
VCE
IC
Die Size
Package
SIGC84T120R3E
1200V
75A
9.13 x 9.15 mm
2
sawn on foil
Mechanical Parameters
Raster size
9.13 x 9.15
mm
2
Emitter pad size (incl. gate pad)
8 x (3.736 x 1.864)
Gate pad size
1.319 x 0.820
Area total
83.5
Thickness
140
µm
Wafer size
200
mm
Max.possible chips per wafer
306
Passivation frontside
Photoimide
Pad metal
3200 nm AlSiCu
Backside metal
Ni Ag
–system
suitable for epoxy and soft solder die bonding
Die bond
Electrically conductive glue or solder
Wire bond
Al, <500µm
Reject ink dot size
 0.65mm ; max 1.2mm
Recommended storage environment
Store in original container, in dry nitrogen, in dark
environment, < 6 month at an ambient temperature of 23°C


Similar Part No. - SIGC84T120R3E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIGC84T120R3 INFINEON-SIGC84T120R3 Datasheet
83Kb / 4P
   IGBT3 Chip
Edition 2, 04.09.2003
SIGC84T120R3L INFINEON-SIGC84T120R3L Datasheet
71Kb / 4P
   IGBT3 Chip
Edition 2, 04.09.03
SIGC84T120R3LE INFINEON-SIGC84T120R3LE Datasheet
196Kb / 5P
   positive temperature coefficient
Rev 2.3, 02.07.2014
More results

Similar Description - SIGC84T120R3E

ManufacturerPart #DatasheetDescription
logo
Semikron International
SEMIX101GD12VS SEMIKRON-SEMIX101GD12VS Datasheet
472Kb / 5P
   positive temperature coefficient
logo
Infineon Technologies A...
SIGC20T120LE INFINEON-SIGC20T120LE Datasheet
175Kb / 5P
   positive temperature coefficient
Rev 2.1, 27.06.2014
SIGC32T120R3E INFINEON-SIGC32T120R3E Datasheet
180Kb / 5P
   positive temperature coefficient
Rev 2.3, 27.06.2014
SIGC32T120R3LE INFINEON-SIGC32T120R3LE Datasheet
177Kb / 5P
   positive temperature coefficient
Rev 2.1, 27.06.2014
SIGC101T170R3E INFINEON-SIGC101T170R3E Datasheet
182Kb / 5P
   positive temperature coefficient
Rev 2.2, 01.07.2014
logo
KEC(Korea Electronics)
GM75HB06BLA KEC-GM75HB06BLA Datasheet
94Kb / 8P
   Positive temperature coefficient
logo
Infineon Technologies A...
SIGC57T120R3E INFINEON-SIGC57T120R3E Datasheet
197Kb / 5P
   positive temperature coefficient
Rev 2.3, 02.07.2014
SIGC57T120R3LE INFINEON-SIGC57T120R3LE Datasheet
197Kb / 5P
   positive temperature coefficient
Rev 2.3, 02.07.2014
SIGC84T120R3LE INFINEON-SIGC84T120R3LE Datasheet
196Kb / 5P
   positive temperature coefficient
Rev 2.3, 02.07.2014
SIGC109T120R3LE INFINEON-SIGC109T120R3LE Datasheet
197Kb / 5P
   positive temperature coefficient
Rev 2.1, 01.07.2014
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com