Electronic Components Datasheet Search |
|
MAX6388XS41D7-T Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
MAX6388XS41D7-T Datasheet(HTML) 2 Page - Maxim Integrated Products |
2 / 11 page SC70, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS (VCC = full range, TA = -40°C to +125°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. VCC to GND ..........................................................-0.3V to +6.0V RESET Open-Drain Output....................................-0.3V to +6.0V RESET, RESET (Push-Pull Output) .............-0.3V to (VCC + 0.3V) MR, RESET IN.............................................-0.3V to (VCC + 0.3V) Input Current (VCC) .............................................................20mA Output Current (All Pins) .....................................................20mA Continuous Power Dissipation (TA = +70°C) 3-Pin SC70 (derate 2.9mW/°C above +70°C)........235mW 4-Pin SC70 (derate 3.1mW/°C above +70°C)........245mW Operating Temperature Range .........................-40°C to +125°C Storage Temperature Range .............................-65°C to +150°C Lead Temperature (soldering, 10s) .................................+300°C PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Operating Voltage Range VCC 1.0 5.5 V VCC = 5.5V, no load 7 13 VCC = 3.6V, no load 6 11 VCC = 2.5V, no load 4 7 VCC Supply Current ICC VCC = 1.8V, no load 3 6 µA TA = +25°C VTH - 1.5% VTH VTH + 1.5% VCC Reset Threshold (See Reset Thresholds table) VTH TA = -40°C to +125°C VTH - 2.5% VTH VTH + 2.5% V Reset Threshold Tempco ∆VTH/°C 60 ppm /°C VCC to Reset Delay VCC falling at 10mV/µs from VTH + 100mV to VTH - 100mV 35 µs D1 1 2 D2 20 40 D3 140 280 D5 280 560 D6 560 1120 D4 1120 2240 Reset Timeout Period MAX6381–MAX6389 (See Reset Timeout table) tRP D7 1200 2400 ms D4 140 280 MR timeout period D7 150 300 D4 1120 2240 Reset Timeout Period MAX6390 tRP VCC timeout period D7 1200 2400 ms VIL 0.3 ✕ VCC VIH VTH < 4V 0.7 ✕ VCC VIL 0.8 MR Input Voltage VIH VTH > 4V 2.4 V |
Similar Part No. - MAX6388XS41D7-T |
|
Similar Description - MAX6388XS41D7-T |