Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51221 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS51221
Description  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51221 Datasheet(HTML) 5 Page - Texas Instruments

  TPS51221_15 Datasheet HTML 1Page - Texas Instruments TPS51221_15 Datasheet HTML 2Page - Texas Instruments TPS51221_15 Datasheet HTML 3Page - Texas Instruments TPS51221_15 Datasheet HTML 4Page - Texas Instruments TPS51221_15 Datasheet HTML 5Page - Texas Instruments TPS51221_15 Datasheet HTML 6Page - Texas Instruments TPS51221_15 Datasheet HTML 7Page - Texas Instruments TPS51221_15 Datasheet HTML 8Page - Texas Instruments TPS51221_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
ELECTRICAL CHARACTERISTICS
TPS51221
www.ti.com............................................................................................................................................... SLVS786A – NOVEMBER 2007 – REVISED MARCH 2009
over operating free-air temperature range, EN=3.3V, VIN=12V, V5SW=5V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN shutdown current, TA = 25°C,
IVINSDN
VIN shutdown current
7
15
µA
No Load, EN = 0V, V5SW = 0 V
VIN standby current, TA = 25°C, No Load,
IVINSTBY1
VIN standby current 1
80
120
µA
EN1=EN2=V5SW = 0 V
Vbat standby current, TA = 25°C, No Load
IVBATSTBY
Vbat standby current
500
µA
SKIPSEL2=2V, EN2=open, EN1=V5SW=0V(1)
TRIP = 5 V
1.2
mA
V5SW current, TA = 25°C, No Load,
IV5SW
V5SW supply current
ENx=5V, VFBx=1.05 V
TRIP = 0 V
1.4
mA
VREF2 OUTPUT
IVREF2 < ±10 µA, TA = 25°C
1.98
2.00
2.02
VVREF2
VREF2 output voltage
V
IVREF2 < ±100 µA, 4.5V < VIN < 25 V
1.97
2.00
2.03
VREG3 OUTPUT
V5SW = 0 V, IVREG3 = 0 mA, TA = 25°C
3.279
3.313
3.347
VVREG3
VREG3 output voltage
V
V5SW = 0 V, 0 mA < IVREG3 <10 mA,
3.135
3.300
3.400
5.5 V <VIN<25 V
IVREG3
VREG3 output current
VREG3 = 3 V
10
15
20
mA
VREG5 OUTPUT
V5SW = 0 V, IVREG5 = 0 mA, TA = 25°C
4.99
5.04
5.09
V
V5SW = 0 V, 0 mA < IVREG5 <100 mA,
4.90
5.03
5.15
VVREG5
VREG5 output voltage
6 V <VIN<25 V
V5SW = 0 V, 0 mA < IVREG5 <100 mA,
4.50
5.03
5.15
V
5.5 V <VIN<25 V
V5SW = 0 V, VREG5 = 4.5 V
100
150
200
IVREG5
VREG5 output current
mA
V5SW = 5 V, VREG5 = 4.5 V
200
300
400
Turning on
4.55
4.7
4.8
VTHV5SW
Switchover threshold
V
Hysteresis
0.15
0.20
0.25
tdV5SW
Switchover delay
Turning on
7.7
ms
RV5SW
5V SW On-resistance
IVREG5 = 100 mA
0.5
OUTPUT
TA = 25°C, No Load
0.9925
1.000
1.0075
VFB regulation voltage
VVFB
V
tolerance
TA = –40°C to 85°C , No Load
0.990
1.000
1.010
IVFB
VFB input current
IVFB VFBx = 1.05 V, COMPx = 1.8 V, TA = 25°C
–50
50
nA
CSNx discharge
RDischg
ENx = 0 V, CSNx = 0.5 V, TA = 25°C
20
40
resistance
VOLTAGE TRANSCONDUCTANCE AMPLIFIER
GmV
Gain
TA = 25°C
500
µS
Differential input voltage
Vind
–30
30
mV
range
COMP maximum sink
ICOMPSNK
COMPx = 1.8 V
33
µA
current
COMP maximum source
ICOMPSRC
COMPx = 1.8 V
–33
µA
current
(1)
Specified by design. Detailed external condition follows the application circuit of Figure 51
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS51221


Similar Part No. - TPS51221_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51221RTVR TI-TPS51221RTVR Datasheet
956Kb / 36P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221RTVT TI-TPS51221RTVT Datasheet
956Kb / 36P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results

Similar Description - TPS51221_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51220A TI-TPS51220A Datasheet
838Kb / 45P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI-TPS51220A-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220_15 Datasheet
1Mb / 43P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220 Datasheet
1Mb / 37P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI1-TPS51220A-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI-TPS51220A_15 Datasheet
1Mb / 53P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI1-TPS51220_16 Datasheet
1Mb / 43P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI1-TPS51220A_16 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51222 TI1-TPS51222 Datasheet
1Mb / 42P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221 Datasheet
956Kb / 36P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com